Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS240AMS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCTS240AMS
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS240AMS Datasheet(HTML) 3 Page - Intersil Corporation

  HCTS240AMS Datasheet HTML 1Page - Intersil Corporation HCTS240AMS Datasheet HTML 2Page - Intersil Corporation HCTS240AMS Datasheet HTML 3Page - Intersil Corporation HCTS240AMS Datasheet HTML 4Page - Intersil Corporation HCTS240AMS Datasheet HTML 5Page - Intersil Corporation HCTS240AMS Datasheet HTML 6Page - Intersil Corporation HCTS240AMS Datasheet HTML 7Page - Intersil Corporation HCTS240AMS Datasheet HTML 8Page - Intersil Corporation HCTS240AMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Specifications HCTS240AMS
Absolute Maximum Ratings
Reliability Information
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±35mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
72oC/W
24oC/W
Ceramic Flatpack Package . . . . . . . . . . .
107oC/W
28oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.69W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.47W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.9mW/oC
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 9.3mW/oC
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . .100ns Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . VCC to VCC/2V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
40
µA
2, 3
+125oC, -55oC
-
750
µA
Output Current
(Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V,
(Note 2)
1
+25oC
7.2
-
mA
2, 3
+125oC, -55oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC - 0.4V,
VIL = 0V, (Note 2)
1
+25oC
-7.2
-
mA
2, 3
+125oC, -55oC
-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 5.5V, VIH = 2.75V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±5.0
µA
Three-State Output
Leakage Current
IOZ
VCC = 5.5V,
Applied Voltage = 0V or
VCC
1
+25oC-
±1
µA
2, 3
+125oC, -55oC-
±50
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V (Note 3)
7, 8A, 8B
+25oC, +125oC, -55oC-
-
V
NOTES:
1. All voltages referenced to device GND.
2. Force/measure functions may be interchanged.
3. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
4. Due to tester noise at -55oC VIH is increased 200mV.
Spec Number
518889



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com