Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3271 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SAM3271
Description  Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SAM3271 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SAM3271 Datasheet HTML 1Page - KODENSHI_AUK CORP. SAM3271 Datasheet HTML 2Page - KODENSHI_AUK CORP. SAM3271 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AUK CORP.
SAM3271
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
1. Features
◆ Milky diffusion lens type
◆
φ3mm(T-1) all plastic mold type
◆ Radiation color (Amber, Yellow-Green)
◆ Low power consumption
2. Outline Dimensions
unit : mm
1.80~2.20
2.54 Typ.
2
1.00 Min.
1.00 Min.
3
25.00 Min.
2.90~3.30
4.80~5.20
0.70 Max.
3.60~4.00
PIN Connections
1. Anode (Y-Green)
2. Common Cathode
3. Anode (Amber)


Similar Part No. - SAM3271

ManufacturerPart #DatasheetDescription
logo
AUK corp
SAM3271 AUK-SAM3271 Datasheet
82Kb / 4P
Dual Color LED Lamp
logo
KODENSHI_AUK CORP.
SAM3271 KODENSHI-SAM3271 Datasheet
111Kb / 4P
Dual Color LED Lamp
SAM3271 KODENSHI-SAM3271_15 Datasheet
111Kb / 4P
Dual Color LED Lamp
More results

Similar Description - SAM3271

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com