Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1853 Datasheet(PDF) 17 Page - NEC

Part # UPC1853
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1853 Datasheet(HTML) 17 Page - NEC

Back Button UPC1853 Datasheet HTML 13Page - NEC UPC1853 Datasheet HTML 14Page - NEC UPC1853 Datasheet HTML 15Page - NEC UPC1853 Datasheet HTML 16Page - NEC UPC1853 Datasheet HTML 17Page - NEC UPC1853 Datasheet HTML 18Page - NEC UPC1853 Datasheet HTML 19Page - NEC UPC1853 Datasheet HTML 20Page - NEC UPC1853 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
µPC1853
17
3.
I2C BUS INTERFACE
The
µPC1853 has serial bus function. This serial bus (I2C bus) is a double wired bus developed by Philips. It is
composed of 2 wires: serial clock line (SCL) and serial data line (SDA).
The
µPC1853 has built-in I2C bus interface circuit, 9 rewritable registers (8 bits).
SCL (Serial Clock Line)
The master CPU outputs serial clock to synchronize with the data. According to this clock, the
µPC1853 takes
in the serial data.
Input level is compatible with CMOS.
Clock frequency is 0 to 100 kHz.
SDA (Serial Data Line)
The master CPU outputs the data which is synchronized with serial clock. The
µPC1853 takes in this data according
to the clock.
Input level is compatible with CMOS.
Fig. 3-1 Internal Equivalent Circuits of Interface Pin
SCL
SDA
RP
RP
PC1853
µ
3.1
Data Transfer
3.1.1
Start condition
Start condition is made by falling of SDA from “High” to “Low” during SCL is “High” as shown in Fig. 3-2.
When this start condition is received, the
µPC1853 takes in the data synchronizing with the clock after that.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com