Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-4702/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HD-4702/883
Description  CMOS Programmable Bit Rate Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-4702/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HD-4702/883 Datasheet HTML 1Page - Intersil Corporation HD-4702/883 Datasheet HTML 2Page - Intersil Corporation HD-4702/883 Datasheet HTML 3Page - Intersil Corporation HD-4702/883 Datasheet HTML 4Page - Intersil Corporation HD-4702/883 Datasheet HTML 5Page - Intersil Corporation HD-4702/883 Datasheet HTML 6Page - Intersil Corporation HD-4702/883 Datasheet HTML 7Page - Intersil Corporation HD-4702/883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Truth Table
TRUTH TABLE FOR RATE SELECT INPUTS
(Using 2.4576MHz Crystal)
S3
S2
S1
S0
OUTPUT RATE (Z)
LLLL
MUX Input (lM)
L
L
L
H
MUX Input (lM)
L
L
H
L
50 Baud
L
L
H
H
75 Baud
L
H
L
L
134.5 Baud
L
H
L
H
200 Baud
L
H
H
L
600 Baud
L
H
H
H
2400 Baud
H
L
L
L
9600 Baud
H
L
L
H
4800 Baud
H
L
H
L
1800 Baud
H
L
H
H
1200 Baud
H
H
L
L
2400 Baud
H
H
L
H
300 Baud
H
H
H
L
150 Baud
HHHH
110 Baud
NOTE:
1. 19200 Baud by connecting Q2 to IM.
CLOCK MODES AND INITIALIZATION
IX
ECP
CP
OPERATION
H
L
Clocked from IX
X
L
Clocked from CP
X
H
H
Continuous Reset
X
L
Reset During First CP = High Time
NOTE:
2. Actual output frequency is 16 times the indicated output
rate, assuming a clock frequency of 2.4576MHz.
H
= HIGH Level
L
= LOW Level
X
= Don’t Care
= Clock Pulse
= First HIGH Level Clock Pulse after ECP goes LOW
HD-4702/883



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com