Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA94-L Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBTA94-L
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBTA94-L Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBTA94-L Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBTA94-L Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
MMBTA94 (KMBTA94)
■
Typical Characterisitics
0
1
-
1
-
1
.
0
-
1
10
100
1000
-0
-10
-20
-30
-40
-50
-60
20
25
30
35
40
45
50
55
60
0
0
1
-
0
1
-
1
-
-10
-100
-1000
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
0
0
1
-
0
1
-
1
-
1
.
0
-
-0
-200
-400
-600
-800
-1000
0
0
1
-
0
1
-
1
-
-1E-3
-0.01
-0.1
-1
-10
-0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-0
-5
-10
-15
-20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
-20
COLLECTOR CURRENT I
C
(mA)
V
CE=-20V
T
a=25
oC
I
C
f
T
——
V
CE= -10V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
-200
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
-200
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
-200
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
-100uA
-90uA
-80uA
-70uA
-60uA
-50uA
-40uA
-30uA
-20uA
I
B=-10uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com