Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPI511 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KPI511
Description  Photo Interrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI511 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KPI511 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 3Page - KODENSHI_AUK CORP. KPI511 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. date: 21-JAN-11
KSD-XXXXXX-000
KPI511
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Electrical and optical characteristic curves
60
Ambient temperature(Ta)
0
-1
10
20
40
100
80
120 (℃)
0
10
1
10
2
10
Ambient temperature(Ta)
40
20
0
0
(℃)
80
100
60
25
50
(㎽)
0
0
1.0
Forward voltage(V )
0.5
F
1.5
2.0
(V)
50
100
(㎃)
10
10
10
10
Road Resistance(R )
L
3
10
2
10
0
4
10
Ω
5
( )
1
2
10
(㎲)
3
0
0
2
Forward Current(I )
10
20
F
30
40
(V)
(㎃)
4
1
3
-20
0
0
40
20
0
50
100
(%)
60
(V)
8
46
2
0
0
Collector-Emitter Voltage(V )
CE
I = 10mA
1
2
3
4
(㎃)
Ta=25℃
100
50
Moving Distance(mm)
0
0
(%)
+1 +2
-2 -1
X
-1
-2
+1
0+2
Ta=25℃
V = 5V
Ta=25℃
CE
F
I = 20mA
F
I = 30mA
F
I = 40mA
F
V = 5V
CE
I = 20mA
F
tf
tr
C
Output
Input
I
90%
10%
L
R
VOUT
IFP
VCC
Y
+
0
-
-
+
0
Forward voltage
Forward current Vs.
Collector Current Vs.
Forward Current
Ambient temperature
Collector Current Vs.
Collector-Emitter Voltage
Collector Current Vs.
Ambient temperature
Relative Collector Current Vs.
Ambient temperature(Ta)
(℃)
Load resistance
Switching time Vs.
Relative Collector Current Vs.
Moving distance
I = 20mA
CE
V = 5V
F
Ta=25℃
V = 5V
I = 20mA
F
Ta=25℃
CE
Switching time measurement circuit
Method of measuring position
detection characteristic
Center of slit
Center of slit
X
Y
V = 10V
CE
(㎁)
( )
I = 2mA
V = 5V
tr
tf
CE
C
Ta=25℃
Relative Collector Current Vs.
Moving distance
Collector power dissipation Vs.
Ambient temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com