Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1862GS Datasheet(PDF) 9 Page - NEC

Part # UPC1862GS
Description  BURST LOCK CLOCK GENERATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1862GS Datasheet(HTML) 9 Page - NEC

Back Button UPC1862GS Datasheet HTML 5Page - NEC UPC1862GS Datasheet HTML 6Page - NEC UPC1862GS Datasheet HTML 7Page - NEC UPC1862GS Datasheet HTML 8Page - NEC UPC1862GS Datasheet HTML 9Page - NEC UPC1862GS Datasheet HTML 10Page - NEC UPC1862GS Datasheet HTML 11Page - NEC UPC1862GS Datasheet HTML 12Page - NEC UPC1862GS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
µPC1862
(4/12)
Pin No.
Symbol
Pin Name
Equivalent Circuit
Function
9
APCF
APC Filter
Pin for connecting filter of APC
(Automatic Phase Control)
detector
DC voltage of a standardNote
2.7 V
10
CGND
Chroma GND
Ground for chroma signal
processing circuit (pin 1 to pin 18)
11
SCOF1
nfSC VCO Filter (1)
Pin for connecting filter of nfSC
VCO
Bias voltage of a standard
3.0 V
Note
Chroma burst amplitude from pin 4: 150 mVp-p
1 k
Ω
12 k
Ω
5 k
Ω
65 k
Ω
60 k
Ω
1.8 V
4.5 k
Ω
9
1 k
Ω
11
CVCC2
(pin 14)
500
Ω
200 A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com