Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1876 Datasheet(PDF) 7 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 7 Page - NEC

Back Button UPC1876 Datasheet HTML 3Page - NEC UPC1876 Datasheet HTML 4Page - NEC UPC1876 Datasheet HTML 5Page - NEC UPC1876 Datasheet HTML 6Page - NEC UPC1876 Datasheet HTML 7Page - NEC UPC1876 Datasheet HTML 8Page - NEC UPC1876 Datasheet HTML 9Page - NEC UPC1876 Datasheet HTML 10Page - NEC UPC1876 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
µPC1876
7
Data Sheet S11666EJ4V0DS00
(2/7)
Pin Number
Pin Name
Symbol
Internal Equivalent Circuit
4
SAP DISCRIMINATION
SDT
FILTER
5
NOISE DETECTION
NDT
FILTER
6
SAP SINGLE OUTPUT
SOT
Same as SBO pin
7
SAP SINGLE INPUT
SI
Same as COM pin
8
STEREO VCO FREE-RUN
fHSW
MONITOR SWITCH
9
VARIABLE EMPHASIS
VEO
Same as SBO pin
OUTPUT
10
WIDE-BAND VCA INPUT
WBVI
Same as COM pin
11
POWER SUPPLY (9 V)
VCC
10 k
Ω
10 k
Ω
10 k
Ω
20 k
Ω
20 k
Ω
20 k
Ω
5 k
Ω
39 k
Ω
13 k
Ω
10 k
Ω
5 k
Ω
10 k
Ω
3 pF
10 k
Ω
10 k
Ω
GND
VCC
4
20 k
Ω
20 k
Ω
5
20 k
Ω
VCC
20 k
Ω 20 kΩ
20 k
Ω
20 k
Ω
GND
5 k
Ω
20 k
Ω
20 k
Ω
60 k
Ω
10 k
Ω
8
GND
VCC
VCC
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com