Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2734-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2734-3
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2734-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2734-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2734-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC2734-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC2734
■
Features
●
Collector Current Capability IC=50mA
●
Collector Emitter Voltage VCEO=11V
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
20
Collector - Emitter Voltage
VCEO
11
Emitter - Base Voltage
VEBO
3
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, RBE =∞
11
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
3
Collector-base cut-off current
ICBO
VCB= 20 V , IE= 0
0.5
Emitter cut-off current
IEBO
VEB= 3V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=10 mA, IB=5mA
0.7
Base - emitter saturation voltage
VBE(sat) IC=10 mA, IB=5mA
1.2
DC current gain
hFE
VCE= 10V, IC= 5mA
20
200
Conversion gain
CG
VCC = 6 V, IC = 2 mA, f=900 MHz,
fOSC = 930 MHz (0dBm), fout = 30 MHz
15
Noise figure
NF
VCC = 6 V, IC = 2 mA, f=900 MHz,
fOSC = 930 MHz (0dBm), fout = 30 MHz
9
Oscillating output voltage
VOSC
VCC = 6 V, IC = 5 mA,f = 930 MHz
140
mV
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
1.5
pF
Transition frequency
fT
VCE= 10V, IC= 10mA
1.4
3.5
GHz
V
V
uA
dB
■
Classification of hfe
Type
2SC2734-GC
2SC2734-R25
Range
20-200
100-200
Marking
GC
R25.


Similar Part No. - 2SC2734-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2734-GC-HF KEXIN-2SC2734-GC-HF Datasheet
1Mb / 3P
NPN Transistors
2SC2734-GC-HF KEXIN-2SC2734-GC-HF Datasheet
1Mb / 3P
NPN Transistors
2SC2734-HF KEXIN-2SC2734-HF Datasheet
1Mb / 3P
NPN Transistors
2SC2734-HF-3 KEXIN-2SC2734-HF-3 Datasheet
1Mb / 3P
NPN Transistors
2SC2734-R25-HF KEXIN-2SC2734-R25-HF Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC2734-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com