Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2734-R25-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2734-R25-HF
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2734-R25-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2734-R25-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2734-R25-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC2734-R25-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
150
100
50
Ambient Temperature Ta (。C)
0
150
100
50
Maximum Collector Dissipation Curve
20
50
10
2
5
1
Collector Current IC (mA)
200
160
120
80
40
0
DC Current Transfer Ratio vs.
Collector Current
VCE = 10 V
20
50
10
2
5
1
Collector Current IC (mA)
5
4
3
2
1
0
Gain Bandwidth Product vs.
Collector Current
VCE = 10 V
20
50
10
2
5
1
Collector to Base Voltage VCB (V)
2.0
1.6
1.2
0.8
0.4
0
Collector Output Capacitance vs.
Collector to Base Voltage
f = 1 MHz
IE = 0
20
50
10
2
5
1
Collector to Base Voltage VCB (V)
2.0
1.6
1.2
0.8
0.4
0
Reverse Transfer Capacitance vs.
Collector to Base Voltage
f = 1 MHz
Emitter Common
2
4
6
8
10
Collector Current IC (mA)
0
20
16
12
8
4
Conversion Gain vs. Collector Current
VCC = 6 V
f = 900 MHz
fosc = 930 MHz
(0 dBm)
fout = 30 MHz
NPN Transistors
2SC2734-HF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com