Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 9 Page - NEC

Part # UPC1909GS
Description  SWITCHING REGULATOR CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1909GS Datasheet(HTML) 9 Page - NEC

Back Button UPC1909GS Datasheet HTML 5Page - NEC UPC1909GS Datasheet HTML 6Page - NEC UPC1909GS Datasheet HTML 7Page - NEC UPC1909GS Datasheet HTML 8Page - NEC UPC1909GS Datasheet HTML 9Page - NEC UPC1909GS Datasheet HTML 10Page - NEC UPC1909GS Datasheet HTML 11Page - NEC UPC1909GS Datasheet HTML 12Page - NEC UPC1909GS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet G14309EJ1V0DS00
9
µµµµPC1909
TIMING CHART
tqc
Vd
Oscillation
waveform CT
Feedback input
FB
OUT1
output waveform
OUT2
output waveform
Oscillation
waveform CT’
tqd
(1) Oscillation waveform (CT)
This waveform is determined by the external capacitor connected to the CT pin (pin 16) and the external resistor
connected to the RT pin (pin 15). It is usually a 1.5-V to 3.5-V triangle waveform (the rise and fall times are the
same).
(2) Output waveform (OUT1)
Whichever is the lower of the DTC1 pin (pin 13) and FB pin (pin 12) voltages is compared with the triangle wave
of the CT pin (pin 16). The OUT1 pin (pin 11) is high level while the triangle wave is low.
(3) Output waveform (OUT2)
Whichever is the higher of the DTC2 pin (pin 5) and FB pin (pin 12) voltages is compared with the level-shifted
triangle wave (CT’). The OUT2 pin (pin 6) is high level while the level-shifted triangle wave is high.
(4) Triangle wave level shift
The triangle wave that controls OUT2 is the original triangle wave of the CT pin (pin 16) shifted to a lower
potential via the level shift circuit (OLS). The amount of shift (Vd) can be adjusted using the resistor (RCT2)
connected between the CT2 pin (pin 2) and the VREF pin.
The relationship between the shift amount (Vd) and the resistance value (k
Ω) of the resistor RCT2 connected to
the CT2 pin (pin 2) is as follows.
Vd =
× 2 [V]
RCT2[k
Ω] + 10
4.3
(5) Dead-time (tqc, tqd) adjustment
The dead time between the fall of OUT1 and the rise of OUT2 (tqc) and the dead time between the fall of OUT2
and the rise of OUT1 (tqd) is determined by the oscillation frequency and the amount of level shift of the triangle
wave. Although usually tqc = tqd, if setting these independently, connect a suitable resistor between the CT pin
and the VREF pin, as well as between the CT pin and GND, and adjust the dead time by making the oscillation
waveform asymmetrical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com