Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1944T Datasheet(PDF) 2 Page - NEC

Part # UPC1944T
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1944T Datasheet(HTML) 2 Page - NEC

  UPC1944T Datasheet HTML 1Page - NEC UPC1944T Datasheet HTML 2Page - NEC UPC1944T Datasheet HTML 3Page - NEC UPC1944T Datasheet HTML 4Page - NEC UPC1944T Datasheet HTML 5Page - NEC UPC1944T Datasheet HTML 6Page - NEC UPC1944T Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet G10239EJ3V0DS00
2
µµµµ PC1943,1944
ABSOLUTE MAXIMUM RATINGS (TA =
++++25 °°°°C, unless otherwise specified.)
Parameter
Symbol
Ratings
Unit
Cathode Voltage
VKA
25
V
Cathode Current
IK
50
mA
Cathode to Anode Reverse Current
− IK
−30
mA
Reference Voltage
VREF
7V
Reference Input Current
IREF
50
µ A
Reference to Anode Reverse Current
− IREF
− 10
mA
Total Power Dissipation
µ PC1943T
PT
320 (1600Note)mW
µ PC1944T
320 (1600Note)mW
µ PC1944J
560
mW
µ PC1944GR
385
mW
Operating Ambient Temperature
TA
− 30 to + 85
°C
Operating Junction Temperature
TJ
− 30 to + 125
°C
Storage Temperature
Tstg
− 65 to + 125
°C
Note with 16 cm2
× 0.7 mm ceramic substrate.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
K
A
REF
VIN
R0
R1
R2
VOUT
GND
VOUT
(1 +
) · VREF
R2
R1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com