| Electronic Components Datasheet Search |
|
ADE7116 Datasheet(PDF) 95 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7116 Datasheet(HTML) 95 Page - Analog Devices |
|
95 / 152 page ![]() ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 Rev. B | Page 95 of 152 INTERRUPT FLAGS The interrupt flags and status flags associated with the interrupt vectors are shown in Table 82 and Table 83. Most of the interrupts have flags associated with them. Table 82. Interrupt Flags Interrupt Source Flag Bit Name Description IE0 TCON.1 IE0 External interrupt 0. TF0 TCON.5 TF0 Timer 0. IE1 TCON.3 IE1 External interrupt 1. TF1 TCON.7 TF1 Timer 1. RI + TI SCON.1 TI Transmit interrupt. SCON.0 RI Receive interrupt. TF2 + EXF2 T2CON.7 TF2 Timer 2 overflow flag. T2CON.6 EXF2 Timer 2 external flag. ITEMP (Temperature ADC)1 N/A N/A Temperature ADC interrupt. Does not have an interrupt flag associated with it. IPSM (Power Supply) IPSMF.6 FPSM PSM interrupt flag. IADE (Energy Measurement DSP) MIRQSTL.7 ADEIRQFLAG Read MIRQSTH, MIRQSTM, MIRQSTL. 1 This feature is not available in the ADE7116. Table 83. Status Flags Interrupt Source Flag Bit Address Description ITEMP (Temperature ADC)1 N/A N/A Temperature ADC interrupt. Does not have a status flag associated with it. ISPI/I2CI SPI2CSTAT N/A SPI interrupt status register. SPI2CSTAT N/A I2C interrupt status register. IRTC (RTC Interval Timer) TIMECON.7 MIDNIGHT RTC midnight flag. TIMECON.2 ALARM RTC alarm flag. WDT (Watchdog Timer) WDCON.2 WDS Watchdog timeout flag. 1 This feature is not available in the ADE7116. A functional block diagram of the interrupt system is shown in Figure 89. Note that the PSM interrupt is the only interrupt in the highest priority level. If an external wake-up event occurs to wake the ADE7116/ ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 from PSM2 mode, a pending external interrupt is generated. When the EX0 bit (Bit 0) or the EX1 bit (Bit 2) in the interrupt enable SFR (IE, Address 0xA8) is set to enable external interrupts, the program counter is loaded with the IE0 or IE1 interrupt vector. The IE0 and IE1 interrupt flags (Bit 1 and Bit 3, respectively) in the Timer/Counter 0 and Timer/Counter 1 control SFR (TCON, Address 0x88) are not affected by events that occur when the 8052 MCU core is shut down during PSM2. See the Power Supply Management (PSM) Interrupt section. The RTC, temperature ADC, and I2C/SPI interrupts are latched such that pending interrupts cannot be cleared without entering their respective interrupt service routines. Clearing the RTC midnight flags and alarm flags does not clear a pending RTC interrupt. Similarly, clearing the I2C/SPI status bits in the SPI Interrupt Status SFR (SPISTAT, Address 0xEA) does not cancel a pending I2C/SPI interrupt. These interrupts remain pending until the RTC or I2C/SPI interrupt vectors are enabled. Their respective interrupt service routines are entered shortly thereafter. Figure 89 shows how the interrupts are cleared when the interrupt service routines are entered. Some interrupts with multiple interrupt sources are not automatically cleared; specifically, the PSM, ADE, UART, and Timer 2 interrupt vectors. Note that the INT0 and INT1 interrupts are only cleared only if the external interrupt is configured to be triggered by a falling edge by setting IT0 (Bit 0) in the Timer/Counter 0 and Timer/Counter 1 control SFR (TCON, Address 0x88). If INT0 or INT1 is configured to interrupt on a low level, the interrupt service routine is reentered until the respective pin goes high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |