Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7169 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE7169_15 Datasheet HTML 28Page - Analog Devices ADE7169_15 Datasheet HTML 29Page - Analog Devices ADE7169_15 Datasheet HTML 30Page - Analog Devices ADE7169_15 Datasheet HTML 31Page - Analog Devices ADE7169_15 Datasheet HTML 32Page - Analog Devices ADE7169_15 Datasheet HTML 33Page - Analog Devices ADE7169_15 Datasheet HTML 34Page - Analog Devices ADE7169_15 Datasheet HTML 35Page - Analog Devices ADE7169_15 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 32 of
152
POWER SUPPLY ARCHITECTURE
Each ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 has two power supply inputs, VDD and VBAT, which
require only a single 3.3 V power supply at VDD for full operation.
A battery backup, or secondary power supply, with a maximum
of 3.7 V can be connected to the VBAT input. Internally, the
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
connect VDD or VBAT to VSWOUT, which is used to derive power for
the device circuitry. The VSWOUT output pin reflects the voltage at
the internal power supply (VSWOUT) and has a maximum output
current of 6 mA. This pin can also be used to power a limited
number of peripheral components. The 2.5 V analog supply (VINTA)
and the 2.5 V supply for the core logic (VINTD) are derived by on-
chip linear regulators from VSWOUT. Figure 32 shows the power
supply architecture of the ADE7116/ADE7156/ADE7166/
ADE7169/ADE7566/ADE7569.
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 provide automatic battery switchover between VDD
and VBAT based on the voltage level detected at VDD or VDCIN. In
addition, the BCTRL input can be used to trigger a battery
switchover. The conditions for switching VSWOUT from VDD to
VBAT and back to VDD are described in the Battery Switchover
section. VDCIN is an input pin that can be connected to a 0 V to
3.3 V dc signal. This input is intended for power supply super-
visory purposes and does not provide power to the ADE7116/
ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 circuitry.
POWER SUPPLY
MANAGEMENT
LDO
VINTD
LDO
VINTA
ADC
VSW
ADC
SCRATCH PAD
LCD
RTC
TEMPERATURE ADC
3.3V
MCU
ADE
SPI/I2C
UART
2.5V
VDCIN VDD VBAT
VSWOUT
BCTRL
*NOT AVAILABLE IN THE ADE7116.
*
*
*
Figure 32. Power Supply Architecture
BATTERY SWITCHOVER
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 monitor VDD, VBAT, and VDCIN. Automatic battery switch-
over from VDD to VBAT can be configured based on the status of
the VDD, VDCIN, or BCTRL pin. Battery switchover is enabled by
default. Setting Bit 1 in the Battery Switchover Configuration SFR
(BATPR, Address 0xF5) disables battery switchover so that VDD
is always connected to VSWOUT (see Table 19). The source of
VSWOUT is indicated by Bit 6 in the Peripheral Configuration SFR
(PERIPH, Address 0xF4), which is described in Table 20. Bit 6 is
set when VSWOUT is connected to VDD and cleared when VSWOUT is
connected to VBAT.
The battery switchover functionality provided by the ADE7116/
ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 allows a
seamless transition from VDD to VBAT. An automatic battery
switchover option ensures a stable power supply to the device, as
long as the external battery voltage is above 2.75 V. It allows
continuous code execution even while the internal power
supply is switching from VDD to VBAT and back. Note that the
energy metering ADCs are not available when VBAT is being
used for VSWOUT.
Power supply monitor (PSM) interrupts can be enabled to
indicate when battery switchover occurs and when the VDD
power supply is restored (see the Power Supply Management
(PSM) Interrupt section.)
VDD to VBAT
The following three events switch the internal power supply
(VSWOUT) from VDD to VBAT:
•
VDCIN < 1.2 V. When VDCIN falls below 1.2 V, VSWOUT
switches from VDD to VBAT. This event is enabled when the
BATPRG[1:0] bits in the battery switchover configuration
SFR (BATPR, Address 0xF5) = 0b01. Setting these bits
disables switchover based on VDCIN. Battery switchover on
low VDCIN is disabled by default.
•
VDD < 2.75 V. When VDD falls below 2.75 V, VSWOUT
switches from VDD to VBAT. This event is enabled when the
BATPRG[1:0] bits in the BATPR SFR are cleared.
•
Falling edge on BCTRL. When the battery control pin,
BCTRL, goes low, VSWOUT switches from VDD to VBAT. This
external switchover signal can trigger a switchover to VBAT
at any time. Setting the INT1PRG bits to X01 in the
interrupt pins configuration SFR (INTPR, Address 0xFF)
enables the battery control pin (see Table 17).
Switching from VBAT to VDD
To switch VSWOUT from VBAT to VDD, all of the following events
must be true:
•
VDD > 2.75 V. VSWOUT switches back to VDD after VDD remains
above 2.75 V.
•
VDCIN > 1.2 V and VDD > 2.75 V. If the low VDCIN condition
is enabled, VSWOUT switches to VDD after VDCIN remains
above 1.2 V and VDD remains above 2.75 V.
•
Rising edge on BCTRL. If the battery control pin is enabled,
VSWOUT switches back to VDD after BCTRL is high, and the
first or second bullet point is satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com