Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7759 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7759
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7759_15 Datasheet HTML 3Page - Analog Devices ADE7759_15 Datasheet HTML 4Page - Analog Devices ADE7759_15 Datasheet HTML 5Page - Analog Devices ADE7759_15 Datasheet HTML 6Page - Analog Devices ADE7759_15 Datasheet HTML 7Page - Analog Devices ADE7759_15 Datasheet HTML 8Page - Analog Devices ADE7759_15 Datasheet HTML 9Page - Analog Devices ADE7759_15 Datasheet HTML 10Page - Analog Devices ADE7759_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV. A
–7–
ADE7759
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
RESET
Reset Pin for the ADE7759. A logic low on this pin will hold the ADCs and digital circuitry
(including the serial interface) in a reset condition.
2DVDD
Digital Power Supply. This pin provides the supply voltage for the digital circuitry in the ADE7759.
The supply voltage should be maintained at 5 V
± 5% for specified operation. This pin should be
decoupled to DGND with a 10
mF capacitor in parallel with a ceramic 100 nF capacitor.
3AVDD
Analog Power Supply. This pin provides the supply voltage for the analog circuitry in the ADE7759.
The supply should be maintained at 5 V
± 5% for specified operation. Every effort should be made
to minimize power supply ripple and noise at this pin by the use of proper decoupling method.
This pin should be decoupled to AGND with a 10
mF capacitor in parallel with a ceramic 100 nF
capacitor.
4, 5
V1P, V1N
Analog Inputs for Channel 1. This channel is intended for use with the di/dt current transducers
such as Rogowski coil, or other current sensors such as shunt or current transformer (CT). These
inputs are fully differential voltage inputs with maximum differential input signal levels of
±0.5 V,
±0.25 V, and ±0.125 V, depending on the full-scale selection—see Analog Inputs section.
Channel 1 also has a PGA with gain selections of 1, 2, 4, 8, or 16. The maximum signal level at these
pins with respect to AGND is
±0.5 V. Both inputs have internal ESD protection circuitry. In addi-
tion, an overvoltage of
±6V can be sustained on these inputs without risk of permanent damage.
6, 7V2N, V2P
Analog Inputs for Channel 2. This channel is intended for use with the voltage transducer. These inputs
are fully differential voltage inputs with a maximum differential signal level of
±0.5 V. Channel 2
also has a PGA with gain selections of 1, 2, 4, 8, or 16. The maximum signal level at these pins
with respect to AGND is
±0.5 V. Both inputs have internal ESD protection circuitry, and an over-
voltage of
±6V can be sustained on these inputs without risk of permanent damage.
8
AGND
This pin provides the ground reference for the analog circuitry in the ADE7759, i.e., ADCs and
reference. This pin should be tied to the analog ground plane or the quietest ground reference in
the system. This quiet ground reference should be used for all analog circuitry, e.g., antialiasing
filters, current and voltage transducers. To keep ground noise around the ADE7759 to a minimum,
the quiet ground plane should be connected to the digital ground plane at only one point. It is
acceptable to place the entire device on the analog ground plane—see Application Information section.
9
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal
value of 2.4 V
± 8% and a typical temperature coefficient of 20 ppm/∞C. An external reference
source may be connected at this pin. In either case, this pin should be decoupled to AGND with
a 1
mF capacitor in parallel with a 100 nF capacitor.
10
DGND
This provides the ground reference for the digital circuitry in the ADE7759, i.e., multiplier, filters,
and frequency output (CF). Because the digital return currents in the ADE7759 are small, it is
acceptable to connect this pin to the analog ground plane of the system—see Application Information
section. However, high bus capacitance on the DOUT pin may result in noisy digital current that
affects performance.
11
CF
Calibration Frequency Logic Output. The CF logic output gives Active Power information. This
output is intended to be used for operational and calibration purposes. The full-scale output fre-
quency can be adjusted by writing to the APGAIN, CFNUM, and CFDEN registers—see Energy
to Frequency Conversion section.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
ADE7759
RESET
DIN
DVDD
DOUT
AVDD
SCLK
V1P
CS
V1N
CLKOUT
V2N
CLKIN
V2P
IRQ
AGND
SAG
REFIN/OUT
ZX
DGND
CF
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com