Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF4113EBZ2 Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADF4113EBZ2
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EBZ2 Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADF4113EBZ2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 6Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 7Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 8Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 9Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 10Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 11Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQ
PARAM
DATA
KEYWORD
IMPEDANCE
–UNIT
–TYPE
–FORMAT
–OHMS
GHz
S
MA
R
50
FREQ
MAGS11
ANGS11
1.05
0.9512
–40.134
1.10
0.93458
–43.747
1.15
0.94782
–44.393
1.20
0.96875
–46.937
1.25
0.92216
–49.6
1.30
0.93755
–51.884
1.35
0.96178
–51.21
1.40
0.94354
–53.55
1.45
0.95189
–56.786
1.50
0.97647
–58.781
1.55
0.98619
–60.545
1.60
0.95459
–61.43
1.65
0.97945
–61.241
1.70
0.98864
–64.051
1.75
0.97399
–66.19
1.80
0.97216
–63.775
FREQ
MAGS11
ANGS11
0.05
0.89207
–2.0571
0.10
0.8886
–4.4427
0.15
0.89022
–6.3212
0.20
0.96323
–2.1393
0.25
0.90566
–12.13
0.30
0.90307
–13.52
0.35
0.89318
–15.746
0.40
0.89806
–18.056
0.45
0.89565
–19.693
0.50
0.88538
–22.246
0.55
0.89699
–24.336
0.60
0.89927
–25.948
0.65
0.87797
–28.457
0.70
0.90765
–29.735
0.75
0.88526
–31.879
0.80
0.81267
–32.681
0.85
0.90357
–31.522
0.90
0.92954
–34.222
0.95
0.92087
–36.961
1.00
0.93788
–39.343
Figure 5. S-Parameter Data for the ADF4113 RF Input (up to 1.8 GHz)
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
RF INPUT FREQUENCY (GHz)
VDD = 3V
VP = 3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. Input Sensitivity (ADF4113)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2.0kHz
–1.0kHz
900MHz
1.0kHz
2.0kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 s
AVERAGES = 19
REFERENCE
LEVEL = –4.2dBm
–91.0dBc/Hz
Figure 7. ADF4113 Phase Noise (900 MHz, 200 kHz, 20 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2.0kHz
–1.0kHz
900MHz
1.0kHz
2.0kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 s
AVERAGES = 19
REFERENCE
LEVEL = –4.2dBm
–92.5dBc/Hz
Figure 8. ADF4113 Phase Noise
(900 MHz, 200kHz, 20 kHz) with DLY and SYNC Enabled
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY OFFSET FROM 900MHz CARRIER (Hz)
1k
100
10k
100k
1M
RMS NOISE = 0.52°
RL = –40dBc/Hz
Figure 9. ADF4113 Integrated Phase Noise
(900 MHz, 200 kHz, 20 kHz, Typical Lock Time: 400 µs)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY OFFSET FROM 900MHz CARRIER (Hz)
1k
100
10k
100k
1M
RMS NOISE = 0.62°
RL = –40dBc/Hz
Figure 10. ADF4113 Integrated Phase Noise
(900 MHz, 200 kHz, 35 kHz, Typical Lock Time: 200 µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com