Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2713T Datasheet(PDF) 1 Page - NEC

Part # UPC2713T
Description  1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2713T Datasheet(HTML) 1 Page - NEC

  UPC2713T Datasheet HTML 1Page - NEC UPC2713T Datasheet HTML 2Page - NEC UPC2713T Datasheet HTML 3Page - NEC UPC2713T Datasheet HTML 4Page - NEC UPC2713T Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.5 GHz SILICON MMIC
WIDE-BAND AMPLIFIER
PART NUMBER
UPC2713T
PACKAGE OUTLINE
T06
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current (no signal)
mA
9
12
15
GS
Small Signal Gain
dB
26
29
33
fU
Upper Limit Operating Frequency
(The gain at fU is 3 dB down from the gain at 0.1 GHz)
GHz
0.9
1.2
∆GS
Gain Flatness,
f = 0.1
∼0.8 GHz
±0.8
PSAT
Saturated Output Power
dBm
4
7
P1dB
Output Power at 1dB Compression Point
dBm
-4
NF
Noise Figure
dB
3.2
4.5
RLIN
Input Return Loss
dB
10
13
RLOUT
Output Return Loss
dB
6
9
ISOL
Isolation
dB
35
40
∆GT
Gain -Temperature Coefficient
dB/
°C
-0.016
RTH
Thermal Resistance (Junction to Ambient)
°C/W
200
The UPC2713T is a Silicon Monolithic integrated circuit manu-
factured using the NESAT III process. This device is suitable
for applications which require high gain and wide-band opera-
tion. It is designed for low cost gain stages in cellular radios,
GPS receivers, DBS tuners, PCN, and test/measurement
equipment.
NEC's stringent quality assurance and test procedures ensure
the highest reliability and performance.
UPC2713T
DESCRIPTION
FEATURES
• FREQUENCY RESPONSE: 1.5 GHz
• INTERNAL CURRENT REGULATION MINIMIZES GAIN
CHANGE OVER TEMPERATURE
• 5 V SINGLE SUPPLY VOLTAGE
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE
GAIN vs. FREQUENCY
Frequency, f (GHz)
ELECTRICAL CHARACTERISTICS (TA = 25 °C, f = 0.5 GHz, VCC = 5 V)
California Eastern Laboratories
0
0.5
1.0
1.5
35
30
25
20


Similar Part No. - UPC2713T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2713T NEC-UPC2713T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
More results

Similar Description - UPC2713T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2715T NEC-UPC2715T Datasheet
148Kb / 12P
1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
Integrated Circuit Wide Band Amplifier
logo
Infineon Technologies A...
BGA622 INFINEON-BGA622 Datasheet
81Kb / 9P
Silicon Germanium Wide Band Low Noise Amplifier
2002-09-13
logo
List of Unclassifed Man...
UPC1032H ETC1-UPC1032H Datasheet
336Kb / 5P
DUAL LOW NOISE PREAMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NEC
UPC1313HA NEC-UPC1313HA Datasheet
1Mb / 27P
LOW NOISE DUAL PREAMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com