Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0060 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0060
Description  1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0060 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0060 Datasheet HTML 1Page - Intersil Corporation HIP0060 Datasheet HTML 2Page - Intersil Corporation HIP0060 Datasheet HTML 3Page - Intersil Corporation HIP0060 Datasheet HTML 4Page - Intersil Corporation HIP0060 Datasheet HTML 5Page - Intersil Corporation HIP0060 Datasheet HTML 6Page - Intersil Corporation HIP0060 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
July 1997
HIP0060
1.5A, 50V Quad Low Side Power Driver
with Serial Bus Control and Fault Protection
Features
• Quad NDMOS Output Drivers in a High Voltage Power
BiMOS Process
• Over-Stress Protection - Each Output
- Over-Current Limiting . . . . . . . . . . . . . . . . . .1.5A Min
- Internal Zener Drain-to-Gate Over-Voltage Clamp
Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V Typ
- Thermal Shutdown Protection
- Open-Load Detection
• Low Quiescent Current . . . . . . . . . . . . . . . . 10mA Max
• Serial Diagnostic Link with SPI Bus
• Diagnostic Interrupt Fault Flag
• 5V CMOS Logic Input Control
• Common Reset for Fault Bits and Output Drivers
• Ambient Operating
Temperature Range. . . . . . . . . . . . . . . . -40oC to 125oC
Applications
• Automotive and Industrial Systems
• Fuel Injection Drivers
• Solenoids, Relays and Lamp Drivers
• Logic and
µP Controlled Drivers
• Robotic Controls
Description
The HIP0060 is a 5V logic controlled Quad Low Side Power
Driver. The outputs are individually protected for over-current
(OC), over-temperature (OT) and over-voltage (OV). If an OC
short circuit in the output load is sensed (IS) in one output
power driver, that output current will be independently limited
while the other outputs remain in operation. Over-current is
limited by direct gate feedback. Over-voltage protection is pro-
vided by a drain-to-gate zener diode that clamps inductive
switching pulses.
The output drivers are individually controlled through a Gate
Control Latch. Temperature is sensed at each output. If a ther-
mal fault exists, a status flag is set and the output is latched
off. Open-load (OL) and over-temperature (OT) faults sets a
status flag bit as diagnostic output to the SPI bus. For all fault
bits (8), an ORed one-shot interrupt signal is output to the INT
pin. An RST reset clears the fault flags and disables all out-
puts while active. The Serial Peripheral Interface (SPI) bus
pins are the Serial Input (SI), Serial Output (SO), Serial Data
Clock (SCK) and the Chip Select (CS).
The HIP0060 is fabricated in a Power BiMOS IC process, and
is intended for use in automotive and other applications having
a wide range of temperature and electrical stress conditions. It
is particularly suited for driving lamps, relays, and solenoids in
applications where low operating power, high breakdown volt-
age, and higher output current at high temperatures is required.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP0060AB
-40 to 125
24 Ld SOIC
M24.3
Pinout
HIP0060 (SOIC)
TOP VIEW
Block Diagram
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
GND
INT
INA
OUTA
GND
GND
GND
GND
OUTB
INB
SI
CS
VDD
IND
OUTD
GND
GND
GND
INC
SO
SCK
RST
GND
OUTC
GATE
CONTROL
OVER TEMP.
OUTA
IS
OVER
LIMIT
VDD
CHANNEL A
INT
INA
SCK
SI
SO
8-BIT SPI
(SERIAL
DIAG.
REG)
CS
RST
OPEN LOAD
DETECTOR
(1 OF 4)
LATCH
FROM B, C, D
B, C, D
+5V
8 ORed O.T./O.L.
DETECTOR
O.T.
BIT
O.L.
BIT
22
2
FAULT INPUTS,
ONE-SHOT
MULTI OUTPUT
TO
+
CURRENT
2
2
2
File Number
4045
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP0060

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
HIP0060AB RENESAS-HIP0060AB Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results

Similar Description - HIP0060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
Allegro MicroSystems
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com