Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2715T Datasheet(PDF) 1 Page - NEC

Part # UPC2715T
Description  1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2715T Datasheet(HTML) 1 Page - NEC

  UPC2715T Datasheet HTML 1Page - NEC UPC2715T Datasheet HTML 2Page - NEC UPC2715T Datasheet HTML 3Page - NEC UPC2715T Datasheet HTML 4Page - NEC UPC2715T Datasheet HTML 5Page - NEC UPC2715T Datasheet HTML 6Page - NEC UPC2715T Datasheet HTML 7Page - NEC UPC2715T Datasheet HTML 8Page - NEC UPC2715T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Caution: Electro-static sensitive devices
BIPOLAR ANALOG INTEGRATED CIRCUIT
PPPPPC2715T
1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER
SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
1993
©
Document No. P12432EJ2V0DS00 (2nd edition)
(Previous No. IC-2952)
Date Published March 1997 N
Printed in Japan
DATA SHEET
FEATURES
•
Low power consumption
: 15 mW (VCC = 3.4 V, ICC = 4.5 mA) TYP.
•
High power gain
: 19 dB TYP. @ f = 0.5 GHz
•
Excellent frequency response : 1.2 GHz TYP. @ 3 dB down below the gain at 0.1 GHz
•
Input and output matching
: 50
:
•
Super small package
: 6 pin mini mold
ORDERING INFORMATION
PART NUMBER
PACKAGE
SUPPLYING FORM
PPC2715T-E3
6 pin mini mold
Embossed tape 12 mm wide.
Pin 1, 2, 3 face to perforation side of the tape.
EQUIVALENT CIRCUIT
PIN CONNECTIONS
OUT
VCC
GND
IN
3
2
1
4
5
6
(Top View)
4
5
6
3
2
1
(Bottom View)
1. INPUT
2. GND
3. GND
4. OUTPUT
5. GND
6. VCC


Similar Part No. - UPC2715T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2715T NEC-UPC2715T Datasheet
81Kb / 6P
LOW POWER CONSUMPTION SILICON MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC2715T RENESAS-UPC2715T Datasheet
292Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1993
More results

Similar Description - UPC2715T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
Integrated Circuit Wide-Band Power Amplifier
logo
KEC(Korea Electronics)
KIA6419P KEC-KIA6419P Datasheet
1Mb / 11P
SILICON MONOLITHIC INTEGRATED CIRCUIT (LOW POWER AUDIO AMPLIFIER)
logo
Toshiba Semiconductor
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com