Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0063 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP0063
Description  Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0063 Datasheet(HTML) 7 Page - Intersil Corporation

  HIP0063 Datasheet HTML 1Page - Intersil Corporation HIP0063 Datasheet HTML 2Page - Intersil Corporation HIP0063 Datasheet HTML 3Page - Intersil Corporation HIP0063 Datasheet HTML 4Page - Intersil Corporation HIP0063 Datasheet HTML 5Page - Intersil Corporation HIP0063 Datasheet HTML 6Page - Intersil Corporation HIP0063 Datasheet HTML 7Page - Intersil Corporation HIP0063 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HIP0063
tion. If there is still a problem in verifying the data sent, a
communication error and further diagnosis is required. If the 16-
bit mode is used, the data sent in the first byte should be the
same as the data received in the second byte.
Pin Descriptions
VCC - Logic Level Power Supply Pin
The VCC pin is the primary power supply input to the IC with a
+5V logic level voltage. The normal operating voltage range is
4.5V to 5.5V. At turn-on and when VCC is less than the POR
Threshold, the POR forces a reset which turns-off the Gate
Drive outputs.
VPWR - Battery Voltage Level Power Supply Monitor Pin
All MOSFETs are normally controlled by the HIP0063 and are
separately biased by a Battery or System level power supply.
The VPWR pin monitors the Battery/System Power Supply and
forces over-voltage shutdown under excessive high voltage
conditions by forcing all Gate Drive outputs low. The VPWR input
also supplies the necessary bias under low VCC reset condi-
tions to switch off the Gate Drive output.
GND Pin
The GND (Ground) pin is the 5V logic supply ground for the IC
and is a common ground for all functions on the chip.
SCK SPI Clock Pin
SCK is the bit shift clock input of the SPI interface and is con-
nected to the SCK pin of the master device. Available control bits
are clocked into the SI serial data input on the rising edge of the
SCK pulse. SCK is low when CS goes active low. Each rising
edge transition shifts in 1 bit of data. The SCK clock pulse has a
50% duty cycle and a CMOS logic level. The negative edge tran-
sition of SCK shifts available data out of the SO data output pin.
SI Serial Data In Pin
SI is the Serial Data Input pin of the SPI interface and receives
command data from the master device on the rising edge of SCK
when CS is low. Six Gate Drive control bits and the HLOS moni-
tor bit are contained in the serial data byte at the SI input. The SI
data input is an 8-bit or 16-bit control byte sent MSB first. (Refer
to Table 1 for bit information.) Outputs are switched on with “1”
state. Unused bits, including the HLOS bit, are set to the “0”
state. This is a CMOS logic level input with an internal active pull-
down.
SO Serial Data Out Pin
SO is the Serial Data Output pin of the SPI interface and trans-
mits control status and fault data to the master device. The SO
Serial Data Output is switched to an active state while CS is low
and three-states when CS is high or HLOS is active. Otherwise,
this is a CMOS logic level output with available data shifted out at
SO on the negative edge of the SCK clock pulse. The normal SO
output data is the same as the SI input data and is returned MSB
first. If any of the channels are returning fault bits, the respective
bit will be returned as a complement. If the HLOS control mode is
active, the HLOS bit is returned as a complement. (Refer to Table
1 for bit information. Refer to the Input Control section of Applica-
tions for further details on transfer of control with HLOS/PWM
switching).
CS Chip Select (Enable) Pin for the SPI interface
The CS Chip Select is an active low input pin. SPI bus commu-
nication with the master device becomes active when CS is
switched low. When CS is active low, data may then be shifted
into SI and out of SO with each SCK clock pulse. When CS
goes high, the SO output switches to three-state and SPI com-
munication is terminated. When CS goes active low, fault bits in
the internal fault register are latched (with no further change
during data transmission). When CS goes high, the fault status
register is then open to new fault information. The CS input is a
CMOS logic level output with an internal active pullup.
PI0 Thru PI5 Parallel Inputs
Each gate control channel has an OR’d input for control of the
Gate Drive output. The control bits from the SPI input are OR’d
with the respective parallel input control bit. Turn-on control for
each channel may be initiated either from the SPI control input
or the independent parallel input. Each PIx input has CMOS
logic level control with an internal active pulldown and must be
switched high to turn-on the Gate Drive output. (Refer to the
Input Control section of Applications for further details on trans-
fer of control with HLOS/PWM switching).
HLOS, HPW01, HPW45 Pins
The HLOS pin is switched high by an I/O select line to initiate
PWM operation using the HPW01 and HPW45 pins. When
active, the SPI inputs and the PI0, PI1, PI4 the PI5 parallel
inputs are disabled. The channels 0 and 1 are under the direct
control of the HPW01 pin and channels 4 and 5 are under the
direct control of the HPW45 pin. Channels 2 and 3 have direct
and independent control by the PI2 and PI3 inputs. These pins
have CMOS logic level control. The HLOS pin has an internal
active pullup and the HPW01 and HPW45 have internal active
pulldowns. The state of the HPW01 and HPW45 pins are “don’t
care” when the HLOS pin is low.
Go Thru G5 Gate Drive Pins
The Gate Drive pins each drive external NDMOS or equivalent
MOSFETs to provide low side switching control of the output
loads. The Gate Drive pins are switched high to turn-on the
MOSFET output. The Gate Drive output is switched to a low
duty cycle mode during over-current fault conditions or switched
low during low VCC POR reset conditions.
D0 Thru D5 Drain Monitor Pins
The Drain Monitor input pins sense an over-current fault at the
drain of the output MOSFET driver by detecting the drain volt-
age to be higher than an internal voltage reference when the
output is on. Open Load conditions are sensed at the Drain
Monitor input when the output is off by detecting the drain volt-
age of the MOSFET to less than in internal reference. For each
channel, a single fault bit is returned for either condition. For
each channel, an internal zener diode connects the Drain Mon-
itor input to the Gate Drive output to provide voltage clamping
when an inductive load is switched off. When the drain to gate
zener diode conducts, the gate is turned-on sufficiently to
clamp the inductive kick voltage pulse.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com