Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0061AS2 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP0061AS2
Description  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0061AS2 Datasheet(HTML) 7 Page - Intersil Corporation

  HIP0061AS2 Datasheet HTML 1Page - Intersil Corporation HIP0061AS2 Datasheet HTML 2Page - Intersil Corporation HIP0061AS2 Datasheet HTML 3Page - Intersil Corporation HIP0061AS2 Datasheet HTML 4Page - Intersil Corporation HIP0061AS2 Datasheet HTML 5Page - Intersil Corporation HIP0061AS2 Datasheet HTML 6Page - Intersil Corporation HIP0061AS2 Datasheet HTML 7Page - Intersil Corporation HIP0061AS2 Datasheet HTML 8Page - Intersil Corporation HIP0061AS2 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PSPICE Model Listing
Device Model Netlist for the HIP0061 Power MOSFET Array
*Rev: 6/12/95
.SUBCKT HIP0061 1 2 3 4 5 6 7
X1 8 1 11 4 HIP0061_1
LS1 2 8 7.5n
X2 9 3 11 4 HIP0061_1
LS2 5 9 7.5n
X3 10 6 11 4 HIP0061_1
LS3 7 10 7.5n
LS4 4 11 7.5n
.ENDS
.SUBCKT HIP0061_1 3 2 11 9
MOS1
4
2
1 1 NMOS1
JFET
13 1
4 J1
D1
5
6
D1
DBODY
1
13 D2
DBREAK
3
7
D3
DSUB
9
13 D4
DESD1
2
12 D5
DESD2
15 12 D5
VBREAK
7
1
DC 90
C21
2
1
750P
C23
2
13 45P
C24
2
4
1100P
RDRAIN
13 14 9.0e-02
LDRAIN
14 3
7.5n
RSOURCE 1
15 17.5e-03
LSOURCE 15 11 7.5n
FDSCHRG 4
2
VMEAS 1.0
E41
5
15 4 1 1.0
VPINCH
6
8
DC 10.0
VMEAS
8
15 DC 0.0
.MODEL NMOS1 NMOS LEVEL=3 (VTO=2.75 TOX=5e-08
KP=3.150e-03 PHI=0.65 GAMMA=2.55
+ VMAX=6.42e+07 NSUB=4.33e+16 THETA=0.60973
ETA=0.0015 KAPPA=1.275
+ L=1u W=3050u)
.MODEL J1 NJF (VTO=-15.0 BETA=10.736
LAMBDA=1.15e-02 PB=0.5848 IS=+1.0e-13
+ RD=3.53e-02 ALPHA=0.2)
.MODEL D1 D (IS=1.0e-15 N=0.03 RS=1.0)
.MODEL D2 D (IS=3.0e-13 RS=2.5e-03 TT=20N
CJO=350e-12)
.MODEL D3 D (IS=1.0e-13 N=1.0 RS=2.0)
.MODEL D4 D (IS=1.0e-13 RS=2.0e-03 CJO=80e-12)
.MODEL D5 D (IS=1.0e-15 RS=1.0e-03 CJO=2.5e-12)
.ENDS
NOTE: For further discussion of the PSPICE PowerFET macromodel consult Spicing-Up SPICE II Software for Power MOSFET Modeling,
Harris Application Note AN8610.
HIP0061



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com