Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0080 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0080
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0080 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0080 Datasheet HTML 1Page - Intersil Corporation HIP0080 Datasheet HTML 2Page - Intersil Corporation HIP0080 Datasheet HTML 3Page - Intersil Corporation HIP0080 Datasheet HTML 4Page - Intersil Corporation HIP0080 Datasheet HTML 5Page - Intersil Corporation HIP0080 Datasheet HTML 6Page - Intersil Corporation HIP0080 Datasheet HTML 7Page - Intersil Corporation HIP0080 Datasheet HTML 8Page - Intersil Corporation HIP0080 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
HIP0080, HIP0081
Quad Inverting Power Drivers with Serial
Diagnostic Interface
HIP0080, HIP0081The HIP0080/0081 Quad Power Drivers
contain four individually protected NDMOS power output
transistor switches to drive inductive and resistive loads
such as: relays, solenoids, injectors, AC and DC motors,
heaters and incandescent lamp displays. The 4 Power
Drivers are low-side switches driven by CMOS logic input
control stages. Each Output Power Driver is protected
against over-current, over-temperature and over-voltage.
An internal drain-to-gate zener diode provides the clamping
protection for over-voltage. Diagnostic circuits provide
ground short, supply short, open load and thermal overload
detection for each of the 4 output stages. Each of the 4
input drivers and their respective diagnostic filters are
controlled by one ENABLE input.
HIP0080, HIP0081The inputs are CMOS logic compatible
and individually control the output drivers with an active
high state for turn-on. All other control inputs are active
high with the exception of the Chip Select (CS) which is
active low. The DATAIN (DI) and DATAOUT (DO) are
positive logic and the Clock (CLK) input for the Serial
Interface is active on the rising edge of the CLK pulse. All
Inputs except the HIP0080 ENABLE have a nominal level
of hysteresis. IN1, IN2, IN3, IN4 and ENABLE have pull-
down resistors of approximately 100k
Ω. This switches off
any channel that has an unterminated input.
HIP0080, HIP0081Filters are used on the outputs of the
fault sensing comparators to avoid the detection of short
duration transient spikes. The on-chip oscillator is used to
clock an internal shift register in each filter. If the fault
condition is longer than a preset number of clock cycles,
the fault condition is recognized and the respective bit is
set in the diagnostic register. No filter is used in the
thermal-overload feedback circuit and the bit is set when
thermal shutdown occurs.
HIP0080, HIP0081For normal operating conditions, a
Reset turns off all outputs when the VCC level drops below
3.5V. The internal bandgap and bias supply function
includes a 5V regulated supply for the low voltage signal
and logic circuits.
Features
• Low Side Power MOSFET Output Drivers
• Output Driver Protection
- Over-Current Shutdown
- Over-Temperature Shutdown with Hysteresis
- Over-Voltage Internal Clamp
• HIP0081 Output Current Switching Capability:
- Each Output, IOUT . . . . . . . . . . . . . . . . . . . . . . 2.2A DC
- All Outputs ON, Equal IOUT . . . . . . . . . . . . . . . . 6A DC
- All Outputs ON, Equal IOUT . . . . . . . . . . 8A PK, 500ms
• HIP0080 Output Current Switching Capability:
- Each Output, IOUT . . . . . . . . . . . . . . . . . . . . . . 1.3A DC
- All Outputs ON, Unequal IOUT . . . . . . . . . . . . . . 3A DC
- All Outputs ON, Unequal IOUT . . . . . . . . 4A PK, 500ms
• HIP0080 - Low Idle Current Shutdown Mode
• Regulated Interface for 5V CMOS Logic Inputs
• Open Drain High Z DATAOUT
• Fault Mode Output for Shorts, Opens and Over-Temperature
• 16-Bit Serial Diagnostic Register
• SPI Bus Compatible Data Readout
• HIP0081 - Low
θJC Power Package . . . . . . . . . . . . 3oC/W
• -40oC to 125oC Operating Temperature Range
Applications
• Drivers For:
•
System Use:
- Solenoids
- Injectors
- Automotive
- Relays
- Steppers
- Appliances
- Power Output
- Motors
- Industrial
- Lamps
- Displays
- Robotics
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP0081AS1
-40 to 125
15 Ld SIP
Z15.05A
HIP0081AS2
-40 to 125
15 Ld SIP
Z15.05B
HIP0080AM
-40 to 125
28 Ld PLCC
N28.45
September 1998
File Number
3018.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP0080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080AM INTERSIL-HIP0080AM Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Renesas Technology Corp
HIP0080AM RENESAS-HIP0080AM Datasheet
750Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
More results

Similar Description - HIP0080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
Quad Power Drivers with Serial Diagnostic Interface
Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com