Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0082AS2 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP0082AS2
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0082AS2 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP0082AS2 Datasheet HTML 3Page - Intersil Corporation HIP0082AS2 Datasheet HTML 4Page - Intersil Corporation HIP0082AS2 Datasheet HTML 5Page - Intersil Corporation HIP0082AS2 Datasheet HTML 6Page - Intersil Corporation HIP0082AS2 Datasheet HTML 7Page - Intersil Corporation HIP0082AS2 Datasheet HTML 8Page - Intersil Corporation HIP0082AS2 Datasheet HTML 9Page - Intersil Corporation HIP0082AS2 Datasheet HTML 10Page - Intersil Corporation HIP0082AS2 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Diagnostic Read Operation
When CS goes from high to low (while CLK is high), data
from the diagnostic register is jammed into the serial shift
register, At the same time, the TXD pin exits three-state and
outputs the FSB bit which indicates whether any of the fault
bits in the shift register are set. With the first negative transi-
tion of CLK, the diagnostic register is cleared. Data from the
shift register is shifted to TXD on each low to high transition
of the CLK pulse. The Diagnostic Fault Bits as shown in
Figure 1 are described as follows:
FSB Bit - Indicates that one or more of the bits in the
diagnostic register are set.
TMP Bit - Indicates that the chip temperature has exceeded
the limit TTMP. The outputs are not switched off when this
occurs; the condition is indicated by the setting of the TMP
bit. Sensors for the TMP bit are located near the power
drivers and are ORed to provide a single bit for the chip.
SCx Bits - Indicate a short-circuit to battery or over current
on the corresponding output. The corresponding output
driver has been latched off. It will remain off until the input is
toggled off and then on.
OLx Bits - Indicate that no load (or a high resistance load) is
connected to the corresponding output. The open load bit is
set when the output current is less than IOLF.
SGx Bits - Indicate that the voltage on the corresponding
output is below the VSG limit.
The final 8 bits (most significant bits) of the diagnostic word
indicate the states of the open load and short-to-ground
comparators when the CS pin went from high to low. As
such, an external microprocessor can monitor the status of
the OL and SG comparators directly to cross-check the
action of the filtered fault bits, OL1 to OL4 and SG1 to SG4
(See Figure 1). The action of the filters is to suppress switch-
ing anomalies that may be read as false data. To avoid
potential confusion in normal operation, reading the direct
comparator output bits is not necessary or recommended.
Diagnostic Write Operation
When the R/W pin is in the low state it is possible to write six
bits to the Write/Store register to influence the IC mode of
operation. The write operation is illustrated in Figure 3. The
FSB (First Significant Bit) is present when CS pin goes from
high to low while the CLK pin is high and the R/W pin is in
the high (read) state. The FSB is the error flag and is the
same FSB bit shown for the Figure 1 read operation. When
FSB is high, a read operation is assumed, until or unless the
R/W goes low. When the R/W pin goes low (write mode),
TXD is ready to receive input data. The first write bit occurs
when CLK goes low.
In the write mode, data is latched in the Write/Store register
when CS goes high. The Write/Store data will be in the
default state after a RST reset or power up reset. The write
operation does not affect the data present in the Diagnostic
Register and a read operation does not affect the data
present in the Write/Store Register.
The programmable bits in the Write/Store register are:
Test Bit - Used to put the IC in test mode (not recom-
mended). This bit should be low for normal operation.
ISC Bit - This bit programs the short circuit level for outputs
3 and 4. When this bit is set high the lower value for the cur-
rent shutdown threshold is set.
Td_OLx Bits - The tDOL delay times for the Td_OLx Bits are
programmable to two levels (tDOLL or tDOLH). These bits set
the delay times for the open-load detection at each of the four
outputs. A logical high sets the open-load delay time to its
shorter value.
Reading Serial Data on the SPI Interface
When interfacing to an 8-bit SPI system and choosing to
read all 22 bits as shown in Figure 1, note that the FSB (First
Significant Bit) is the first bit present before the first CLK
pulse goes low. This leaves 21 bits of available output data
to be shifted by the CLK.
An FSB high state when CS goes low indicates the presents
of a fault bit in the Diagnostic Register. The FSB bit is nor-
mally used as a flag to initiate a read of all data bits in the
shift register. The FSB output bit should be separately
directed to an interrupt or port that is programmed to initiate
a fault data read sequence.
Since SPI data is read 8 bits at a time, reading 24 bits leaves
3 (dummy) bits that follow after the 21 bits of diagnostic fault
output data. Internally, the shift register has an input low
state which will cause the last 3 bits shifted out to be low.
DIRECT COMPARATOR OUTPUTS
CLK
CS
R/W
TXD
ZZ = HIGH IMPEDANCE
ZZZZ
FSB
TMP
SC1
OL1
SG1
SC2
OL2
SG2
SC3
OL3
SG3
SC4
OL4
SG4
OL4
OL1
OL2
OL3
SG4
SG1
SG2
SG3
ZZ
FIGURE 1. SERIAL INTERFACE READ OPERATION
HIP0082, HIP0084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com