Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1012ACB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP1012ACB
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012ACB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP1012ACB Datasheet HTML 2Page - Intersil Corporation HIP1012ACB Datasheet HTML 3Page - Intersil Corporation HIP1012ACB Datasheet HTML 4Page - Intersil Corporation HIP1012ACB Datasheet HTML 5Page - Intersil Corporation HIP1012ACB Datasheet HTML 6Page - Intersil Corporation HIP1012ACB Datasheet HTML 7Page - Intersil Corporation HIP1012ACB Datasheet HTML 8Page - Intersil Corporation HIP1012ACB Datasheet HTML 9Page - Intersil Corporation HIP1012ACB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
The HIP1012 responds to a load short (defined as a current
level 3X the OC set point) immediately, driving the relevant
N-Channel MOSFET gate to 0V in less than 1
µs. The gate
voltage is then slowly ramped up turning on the N-Channel
MOSFET to the programmed current limit level, this is the
start of the time out period. The programmed current level is
held until either the OC event passes or the time out period
expires. If the former is the case then the N-Channel
MOSFET is fully enhanced and the CTIM charging current is
diverted away from the capacitor. If the time out period
expires prior to OC resolution then both gates are quickly
pulled to 0V turning off both N-Channel MOSFETs
simultaneously.
Upon any OC or UV condition the PGOOD signal will pull
low when tied high through a resistor to the logic supply. This
pin is a fault indicator but not the OC latch off indicator. For
an OC latch off indication, monitor CTIM, pin 10. This pin will
rise rapidly to 12V once the time out period expires. See
block diagram for OC latch off circuit suggestion.
The HIP1012 is reset by a rising edge on either PWRON pin
and is turned on by either PWRON pin being driven low. The
HIP1012 can control either +12V/5V or +3.3V/+5V supplies.
Tying the PWRON1 pin to VDD, invokes the +3.3V/+5V
voltage mode. In this mode, the external charge pump
capacitor is not needed and Cpump, pin 11 is also tied
directly to VDD.
HIP1012 Application Considerations
For Applications where voltage tolerances are of critical
concern the HIP1012A is better suited as it has a minimum
nominal OC Vth performance of 50mV verses 100mV with
the HIP1012 over the entire temperature range. This allows
the use of lower Rsense value resistors resulting in higher
efficiency.
When using the HIP1012 in the 12V and 5V mode
additional VDD decoupling may be necessary to prevent a
power on reset due to a sag on VDD pin upon an OC latch
off. The addition of a capacitor from VDD to GND may often
be adequate but a small value isolation resistor may also
be necessary. See the Simplified Schematic.
Current loop stabilization is facilitated through a small
value resistor in series with the gate timing capacitor. As the
HIP1012 drives a highly inductive current load, instability
characterized by the gate voltage repeatedly ramping up and
down may appear. A simple method to enhance stability is
provided by the substitution of a larger value gate resistor.
Typically this situation can be avoided by eliminating long
point to point wiring to the load.
Random resets may occur if the HIP1012 sense pins are
pulled below ground when turning off a highly inductive load.
Place a large load capacitor (10-50
µF) on the output to
eliminate the unintended resets.
During the Time Out delay period with the HIP1012 in
current limit mode, the VGS of the external N-Channel
MOSFETs is reduced driving the N-Channel MOSFET switch
into a high rDS(ON) state. Thus avoid extended time out
periods as the external N-Channel MOSFETs may be
damaged or destroyed due to excessive internal power
dissipation. Refer to the MOSFET manufacturers data sheet
for SOA information.
With the high levels of inrush current e.g., highly capacitive
loads and motor start up currents, choosing the current
limiting level is crucial to provide both protection and still
allow for this inrush current without latching off. Consider this
in addition to the time out delay when choosing MOSFETs
for your design.
Physical layout of Rsense resistors is critical to avoid the
possibility of false over current occurrences. Ideally trace
routing between the Rsense resistors and the HIP1012 is
direct and as short as possible with zero current in the sense
lines. Refer to the demo boards for examples.
External Pull Down resistors (5k
Ω) from the xISEN pins to
ground will prevent the outputs from floating when the
external switch FETs are disabled and the outputs are open.
TABLE 1.
RILIM RESISTOR
NOMINAL OC VTH
15k
Ω
150mV
10k
Ω
100mV
7.5k
Ω
75mV
4.99k
Ω
50mV
NOTE: Nominal OC Vth = Rilim x 10
µA.
TABLE 2.
CTIM CAPACITOR
NOMINAL TIME OUT PERIOD
0.022
µF
4.4ms
0.047
µF
9.4ms
0.1
µF
20ms
NOTE: Nominal time-out period in seconds = CTIM x 200kΩ.
HIP1012, HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com