Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1030AS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP1030AS
Description  1A High Side Driver with Overload Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1030AS Datasheet(HTML) 3 Page - Intersil Corporation

  HIP1030AS Datasheet HTML 1Page - Intersil Corporation HIP1030AS Datasheet HTML 2Page - Intersil Corporation HIP1030AS Datasheet HTML 3Page - Intersil Corporation HIP1030AS Datasheet HTML 4Page - Intersil Corporation HIP1030AS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Applications
Typical Performance Curves
FIGURE 1. DISSIPATION DERATING CURVES
FIGURE 2. TYPICAL FORWARD VOLTAGE DROP, VSAT
CHARACTERISTICS vs AMBIENT OPERATING
TEMPERATURE
FIGURE 3A. OUTPUT TURN-ON TIME (
µs)
FIGURE 3B. OUTPUT TURN-OFF TIME (
µs)
FIGURE 3. TYPICAL RISE TIME AND FALL TIME CHARACTERISTICS OF THE HIP1030 WITH A RESISTIVE AND CAPACITIVE
LOAD. THE TURN-ON TIME OF APPROXIMATELY 1.1
µs IS PRIMARILY DETERMINED BY THE VCC SUPPLY. THE OUT-
PUT FALL TIME IS LIMITED BY RC TIME CONSTANT OF THE LOAD.
CURRENT
LIMIT
OVER-
VOLTAGE
THERMAL
LIMIT
VCC
VIN
NEG.
CLAMP
ZENER
RS
VOUT
2
SHUTDOWN
CONTROL
CIRCUIT
4
3
GND
GND
5
1
TAB
HIP1030
LOADS:
RELAYS
SOLENOIDS
LAMPS
MOTORS
LOGIC SWITCH
TO VIN
0.47
µF
VBATT
CMOS/TTL
INPUT
VCLAMP
GND
VOUT
VCC
VSAT
VCL
TYPICAL
LOAD
SUPPLY
POWER
HIP1030 HIGH SIDE DRIVER
AMBIENT TEMPERATURE (oC)
-50
0
50
100
150
WITH EXT.
6oC/W H. S.
16
12
8
4
0
WITH EXT.
0oC/W H.S.
(INFINITE
HEAT SINK)
AMBIENT TEMPERATURE (oC)
1.5
1.0
0.5
0
-50
0
50
100
150
IL = 1.0 A
IL = 0.5A
IL = 1.25A
RL = 10Ω, VCC = VSAT + IL RL; VSAT = (VCC - VOUT)
INPUT: VIN = 5V
DATA TAKEN USING 110CM x 110CM
FLAT ALUM. HEAT SINK
01
2
15
10
5
0
tON
VCC = 12V, LOAD = 20Ω IN PARALLEL
INPUT: VIN = 0V to 2V STEP, 1ms PERIOD, 500µs PULSE
WITH 2200pF; TA =25
oC
010
20
15
10
5
0
tOFF
INPUT: VIN = 2V to 0V STEP, 1ms PERIOD, 500µs PULSE
WITH 2200pF; TA = 25
oC
VCC = 12V, LOAD = 20Ω IN PARALLEL
HIP1030



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com