Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2106 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP2106
Description  100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2106 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP2106 Datasheet HTML 1Page - Intersil Corporation HIP2106 Datasheet HTML 2Page - Intersil Corporation HIP2106 Datasheet HTML 3Page - Intersil Corporation HIP2106 Datasheet HTML 4Page - Intersil Corporation HIP2106 Datasheet HTML 5Page - Intersil Corporation HIP2106 Datasheet HTML 6Page - Intersil Corporation HIP2106 Datasheet HTML 7Page - Intersil Corporation HIP2106 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HIP2106
100V/1A Peak, Low Cost, High Frequency
Half Bridge Driver
The HIP2106 is a high frequency, 100V Half Bridge
N-Channel MOSFET driver IC, available in 8 lead plastic
SOIC. The low-side and high-side gate drivers are
independently controlled and matched to 8ns. This gives the
user maximum flexibility in dead-time selection and driver
protocol. Undervoltage protection on both the low-side and
high-side supplies force the outputs low. An on-chip diode
eliminates the discrete diode required with other driver ICs. A
new levelshifter topology yields the low-power benefits of
pulsed operation with the safety of DC operation. Unlike some
competitors, the high-side output returns to its correct state
after a momentary undervoltage of the high-side supply.
Pinout
HIP2106 (SOIC, PDIP)
TOP VIEW
Features
• Drives N-Channel MOSFET Half Bridge
• Space Saving SO8 Package
• Bootstrap Supply Max Voltage to 116VDC
• On-Chip 1
Ω Bootstrap Diode
• Fast Propagation Times Needed for Multi-MHz Circuits
• Drives 1000pF Load at 500kHz with Rise and Fall Times
of Typically 20ns
• CMOS Input Thresholds for Improved Noise Immunity
• Independent Inputs for Non-Half Bridge Topologies
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below
Ground, or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Range
• Supply Undervoltage Protection
•3
Ω Output Resistance
Applications
• Telecom Half Bridge Power Supplies
• Avionic DC-DC Converters
• Two-Switch Forward Converters
• Active Clamp Forward Converters
Application Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP2106IB
-40 to 85
8 Ld SOIC
M8.15
HIP2106IP
-40 to 85
8 Ld PDIP
E8.3
5
6
8
7
4
3
2
1
VDD
HB
HO
HS
LO
LI
HI
VSS
SECONDARY
CIRCUIT
+100V
CONTROLLER
PWM
LI
HI
HO
LO
VDD
HS
HB
+12V
VSS
HIP2106
REFERENCE
AND
ISOLATION
DRIVE
LO
DRIVE
HI
Data Sheet
August 1999
File Number
4406.2


Similar Part No. - HIP2106

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2106A RENESAS-HIP2106A Datasheet
242Kb / 2P
Low Voltage Driver for Synchronous Rectification
HIP2106A RENESAS-HIP2106A Datasheet
996Kb / 17P
Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
HIP2106ADBEVAL1Z RENESAS-HIP2106ADBEVAL1Z Datasheet
996Kb / 17P
Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
HIP2106AIRZ RENESAS-HIP2106AIRZ Datasheet
996Kb / 17P
Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
HIP2106AIRZ-T RENESAS-HIP2106AIRZ-T Datasheet
996Kb / 17P
Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
More results

Similar Description - HIP2106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com