Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4080 Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP4080
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP4080 Datasheet HTML 8Page - Intersil Corporation HIP4080 Datasheet HTML 9Page - Intersil Corporation HIP4080 Datasheet HTML 10Page - Intersil Corporation HIP4080 Datasheet HTML 11Page - Intersil Corporation HIP4080 Datasheet HTML 12Page - Intersil Corporation HIP4080 Datasheet HTML 13Page - Intersil Corporation HIP4080 Datasheet HTML 14Page - Intersil Corporation HIP4080 Datasheet HTML 15Page - Intersil Corporation HIP4080 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
FIGURE 28. PEAK PULLUP CURRENT IO+ vs SUPPLY
VOLTAGE
FIGURE 29. LOW VOLTAGE BIAS CURRENT IDD AND ICC
(LESS QUIESCENT COMPONENT) vs
FREQUENCY AND GATE LOAD CAPACITANCE
FIGURE 30. HIGH VOLTAGE LEVEL-SHIFT CURRENT vs
FREQUENCY AND BUS VOLTAGE
FIGURE 31. MINIMUM DEAD-TIME vs DEL RESISTANCE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL = RLDEL= 100K, and TA = 25
oC, Unless Otherwise Specified (Continued)
6
7
8
9
10
11
12
13
14
15
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD, VCC, VAHB, VBHB (V)
1
10
100
1000
2
5
20
50
500
200
0.1
1
10
100
500
50
5
0.5
200
20
2
0.2
SWITCHING FREQUENCY (kHz)
3,000
1,000
10,000
100
1
10
100
1000
2
5
20
50
200
500
1
10
100
1000
2
5
20
50
200
500
SWITCHING FREQUENCY (kHz)
60V
40V
80V
20V
10
50
100
150
200
250
0
30
60
90
120
150
HDEL/LDEL RESISTANCE (k
Ω)
HIP4080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com