Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4080IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP4080IP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP4080IP Datasheet HTML 6Page - Intersil Corporation HIP4080IP Datasheet HTML 7Page - Intersil Corporation HIP4080IP Datasheet HTML 8Page - Intersil Corporation HIP4080IP Datasheet HTML 9Page - Intersil Corporation HIP4080IP Datasheet HTML 10Page - Intersil Corporation HIP4080IP Datasheet HTML 11Page - Intersil Corporation HIP4080IP Datasheet HTML 12Page - Intersil Corporation HIP4080IP Datasheet HTML 13Page - Intersil Corporation HIP4080IP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FIGURE 16. TREF-PW REFRESH PULSE WIDTH vs
TEMPERATURE
FIGURE 17. DISABLE TO LOWER ENABLE TDLPLH
PROPAGATION DELAY vs TEMPERATURE
FIGURE 18. UPPER TURN-OFF PROPAGATION DELAY THPHL
vs TEMPERATURE
FIGURE 19. UPPER TURN-ON PROPAGATION DELAY THPLH
vs TEMPERATURE
FIGURE 20. LOWER TURN-OFF PROPAGATION DELAY TLPHL
vs TEMPERATURE
FIGURE 21. LOWER TURN-ON PROPAGATION DELAY TLPLH vs
TEMPERATURE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL = RLDEL= 100K, and TA = 25
oC, Unless Otherwise Specified (Continued)
-40
-20
0
20
40
60
80
100
120
175
225
275
325
375
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
20
30
40
50
60
70
80
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
40.0
50.0
60.0
70.0
80.0
90.0
JUNCTION TEMPERATURE (oC)
HIP4080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com