Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6003CB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6003CB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6003CB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6003CB Datasheet HTML 2Page - Intersil Corporation HIP6003CB Datasheet HTML 3Page - Intersil Corporation HIP6003CB Datasheet HTML 4Page - Intersil Corporation HIP6003CB Datasheet HTML 5Page - Intersil Corporation HIP6003CB Datasheet HTML 6Page - Intersil Corporation HIP6003CB Datasheet HTML 7Page - Intersil Corporation HIP6003CB Datasheet HTML 8Page - Intersil Corporation HIP6003CB Datasheet HTML 9Page - Intersil Corporation HIP6003CB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
converter dissipates very little power with this method. The
measured input power for the conditions of Figure 4 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
typical). The OC trip point varies mainly due to the MOSFETs
rDS(ON) variations. To avoid over-current tripping in the
normal operating load range, find the ROCSET resistor from
the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for IPEAK >IOUT(MAX) +(∆I)/2, where ∆I
is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6003 converter is programmed to
discrete levels between 2.0VDC and 3.5VDC. The voltage
identification (VID) pins program an internal voltage
reference (DACOUT) with a 4-bit digital-to-analog converter
(DAC). The level of DACOUT also sets the PGOOD and
OVP thresholds. Table 1 specifies the DACOUT voltage for
the 16 combinations of open or short connections on the VID
pins. The output voltage should not be adjusted while the
converter is delivering power. Remove input power before
changing the output voltage. Adjusting the output voltage
during operation could toggle the PGOOD signal and
exercise the overvoltage protection.
The DAC function is a precision non-inverting summation
amplifier shown in Figure 5. The resistor values shown are
only approximations of the actual precision values used.
Grounding any combination of the VID pins increases the
DACOUT voltage. The ‘open’ circuit voltage on the VID pins
is the band gap reference voltage, 1.26V.
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
I
PEAK =
I
OCSET
R
OCSET
•
r
DS ON
()
---------------------------------------------------
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL
DACOUT
VOLTAGE
VID3
VID2
VID1
VID0
1111
2.0
1110
2.1
1101
2.2
1100
2.3
1011
2.4
1010
2.5
1001
2.6
1000
2.7
0111
2.8
0110
2.9
0101
3.0
0100
3.1
0011
3.2
0010
3.3
0001
3.4
0000
3.5
NOTE: 0 = Connected to GND or VSS, 1 = OPEN
+
-
BAND GAP
REFERENCE
1.26V
VID0
VID1
VID2
VID3
FB
COMP
DACOUT
ERROR
AMPLIFIER
21.5k
Ω
1.7k
Ω
10.7k
Ω
5.4k
Ω
2.7k
Ω
2.9k
Ω
DAC
+
-
FIGURE 5. DAC FUNCTION SCHEMATIC
HIP6003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com