Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6005CB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6005CB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6005CB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6005CB Datasheet HTML 2Page - Intersil Corporation HIP6005CB Datasheet HTML 3Page - Intersil Corporation HIP6005CB Datasheet HTML 4Page - Intersil Corporation HIP6005CB Datasheet HTML 5Page - Intersil Corporation HIP6005CB Datasheet HTML 6Page - Intersil Corporation HIP6005CB Datasheet HTML 7Page - Intersil Corporation HIP6005CB Datasheet HTML 8Page - Intersil Corporation HIP6005CB Datasheet HTML 9Page - Intersil Corporation HIP6005CB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
The over-current function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the over-current trip level. An internal 200
µA current
sink develops a voltage across ROCSET that is referenced to
VIN. When the voltage across the upper MOSFET (also
referenced to VIN) exceeds the voltage across ROCSET, the
over-current function initiates a soft-start sequence. The soft-
start function discharges CSS with a 10µA current sink and
inhibits PWM operation. The soft-start function recharges CSS,
and PWM operation resumes with the error amplifier clamped
to the SS voltage. Should an overload occur while recharging
CSS, the soft start function inhibits PWM operation while fully
charging CSS to 4V to complete its cycle. Figure 4 shows this
operation with an overload condition. Note that the inductor
current increases to over 15A during the CSS charging interval
and causes an over-current trip. The converter dissipates very
little power with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
typical). The OC trip point varies mainly due to the
MOSFETs rDS(ON) variations. To avoid over-current tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
1. The maximum rDS(ON) at the highest junction
temperature.
2. The minimum IOCSET from the specification table.
Determine IPEAK for ,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled “Output Inductor Selection.”
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6005 converter is programmed to
discrete levels between 1.3VDC and 3.5VDC. The voltage
identification (VID) pins program an internal voltage
reference (DACOUT) with a 5-bit digital-to-analog converter
(DAC). The level of DACOUT also sets the PGOOD and
OVP thresholds. Table 1 specifies the DACOUT voltage for
the 32 combinations of open or short connections on the VID
pins. The output voltage should not be adjusted while the
converter is delivering power. Remove input power before
changing the output voltage. Adjusting the output voltage
I
PEAK
I
OCSET
R
OCSET
•
r
DS ON
()
---------------------------------------------------
=
I
PEAK
I
OUT MAX
()
∆I
() 2
⁄
+
>
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL
OUTPUT
VOLTAGE
DACOUT
PIN NAME
NOMINAL
OUTPUT
VOLTAGE
DACOUT
VID4
VID3
VID2
VID1
VID0
VID4
VID3
VID2
VID1
VID0
01111
1.30
11111
2.0
01110
1.35
11110
2.1
01101
1.40
11101
2.2
01100
1.45
11100
2.3
01011
1.50
11011
2.4
01010
1.55
11010
2.5
01001
1.60
11001
2.6
01000
1.65
11000
2.7
00111
1.70
10111
2.8
00110
1.75
10110
2.9
00101
1.80
10101
3.0
00100
1.85
10100
3.1
00011
1.90
10011
3.2
00010
1.95
10010
3.3
00001
2.00
10001
3.4
00000
2.05
10000
3.5
NOTE: 0 = connected to GND or VSS, 1 = OPEN.
HIP6005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com