Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6201 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6201
Description  Transient Voltage Regulator DeCAPitator?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6201 Datasheet(HTML) 7 Page - Intersil Corporation

  HIP6201 Datasheet HTML 1Page - Intersil Corporation HIP6201 Datasheet HTML 2Page - Intersil Corporation HIP6201 Datasheet HTML 3Page - Intersil Corporation HIP6201 Datasheet HTML 4Page - Intersil Corporation HIP6201 Datasheet HTML 5Page - Intersil Corporation HIP6201 Datasheet HTML 6Page - Intersil Corporation HIP6201 Datasheet HTML 7Page - Intersil Corporation HIP6201 Datasheet HTML 8Page - Intersil Corporation HIP6201 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2-447
LOUT = output inductor value
ISTEP = transient current step amplitude
The value of the capacitor at the CAP pin should be sized so
that the HIP6200 can be active in response to a transient for
longer than the greater of TR1 and TR2. For a 12V to 1.7V
DC-DC converter with a 3
µH inductor and a 8A maximum
transient step size, TR1 = 2.3µs and TR2 = 14.1µs. Thus, the
CAP capacitor should be chosen for the worst-case TR2
response. Though the HIP6200 will be active for longer than
necessary in response to the low-to-high load transient, the
amount of power wasted will be minimal. The upper amplifier
will be active, drawing about 15mA, but the power npn
darlington will pinch off after the inductor current slews up.
The following section details power dissipation further.
Thermal Considerations
HIP6200 Power Dissipation
The power dissipated by the DeCAPitator is a function of
many variables. The load transient step size (ISTEP), the
frequency of the transient events (1/TTRAN), and the
converter response time (TR1, TR2) have the largest
influence. Figure 3 displays these terms.
Based on some simplifying assumptions, the DeCAPitator
power dissipation can be approximated as follows:
where:
and:
IIDLE = nominal supply current when HIP6200 is powered
and amplifiers are not active (300
µA typical)
IbiasUP = upper amplifier bias current when active (15mA
typical)
IbiasDWN = lower amplifier bias current when active (30mA
typical)
tACTIVE = time amplifiers are active. This time is set by CAP
capacitor and should be at least as long as TR2.
The bias power is a very small percentage of the total chip
power dissipation, but is included for completeness.
Based on these equations, the two figures below show how
the power dissipation varies with the transient frequency
(1/TTRAN), step load change (ISTEP), and converter
response time (TR1, TR2). Both figures assume VIN = 12V
and VOUT = 1.7V. Figure 4 assumes a 3µH output inductor
and varies the step size (as well as the transient frequency).
As mentioned in the previous section, these conditions give
TR1 = 2.3µs and TR2 = 14.1µs for ISTEP = 8A. Figure 5
holds ISTEP constant at 8A and varies the response time.
The converter response time often differs from the ideal
(Equations 1 and 2) substantially and therefore should be
verified experimentally.
Figures 4 and 5 show the relationships between the
DeCAPitator power dissipation and the load transient
frequency, load transient step size and the converter
response time. The power dissipation is linear with the
transient frequency but is shown on the log scale to
emphasize the fact that the HIP6200/1 power is minimal at
frequencies below a few hundred Hertz.
FIGURE 3. IDEALIZED WAVEFORMS OF DeCAPitator
OPERATION
IOUT
TR1
TR2
ICPU
TTRAN
ISTEP
P
DISS
P
BIAS
P
UP
P
DWN
++
=
(EQ. 3)
P
UP
V
CC
V
OUT
–
()
I
STEP
2
----------------
T
R1
T
TRAN
-------------------
•



•
=
(EQ. 4)
P
DWN
V
OUT
()
I
STEP
2
----------------
T
R2
T
TRAN
-------------------
•



•
=
(EQ. 5)
P
BIAS
V
CC
I
BIAS
()
•
=
(EQ. 6)
I
BIAS
I
IDLE
Ibias
UP
t
ACTIVE
•
T
TRAN
---------------------------------------------------
Ibias
DWN
t
ACTIVE
•
T
TRAN
--------------------------------------------------------
++
=
(EQ. 7)
FIGURE 4. ESTIMATED HIP6200, HIP6201 POWER
DISSIPATION vs ISTEP
TRANSIENT FREQUENCY (Hz)
102
103
104
105
0.1
0.2
0.3
0.4
0.5
0.6
ISTEP = 8A
ISTEP = 4A
ISTEP = 6A
HIP6200, HIP6201



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com