Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6501 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6501
Description  Triple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6501 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6501 Datasheet HTML 4Page - Intersil Corporation HIP6501 Datasheet HTML 5Page - Intersil Corporation HIP6501 Datasheet HTML 6Page - Intersil Corporation HIP6501 Datasheet HTML 7Page - Intersil Corporation HIP6501 Datasheet HTML 8Page - Intersil Corporation HIP6501 Datasheet HTML 9Page - Intersil Corporation HIP6501 Datasheet HTML 10Page - Intersil Corporation HIP6501 Datasheet HTML 11Page - Intersil Corporation HIP6501 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Soft-Start Circuit
Soft-Start into Sleep States (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10
µA current source charges an external capacitor
to 5V. The error amplifiers reference inputs are clamped to a
level proportional to the SS (Soft-Start) pin voltage. As the
SS pin voltage slews from about 1.25V to 2.5V, the input
clamp allows a rapid and controlled output voltage rise.
Figure 9 shows the soft-start sequence for the typical
application start-up in a sleep state with all output voltages
enabled. At time T0 5VSB (bias) is applied to the circuit. At
time T1, 5VSB surpasses POR level, and an internal fast
charge circuit quickly raises the SS capacitor voltage to
approximately 1V. At this point, the 10
µA current source
continues the charging up to T2, where a voltage of 1.25V
(typically) is reached and an internal clamp limits further
charging. Clamping of the soft-start voltage (T2 to T3
interval) should only be noticed with capacitors smaller than
0.1
µF; soft-start capacitors of 0.1µF and above should
present a soft-start ramp void of this plateau. At time T3,
3ms (typically) past the 5VSB POR (T1), the memory output
voltage selection is latched in and the charging of the soft-
start capacitor resumes, using the 10
µA current source. At
this point, the error amplifiers’ reference inputs are starting
their transitions, causing the output voltages to ramp up
proportionally. The ramping continues until time T4 when all
the voltages reach the set value. At time T5, when the soft-
start capacitor value reaches approximately 2.8V, the under-
voltage monitoring circuits are activated and the soft-start
capacitor is quickly discharged down to the value attained at
time T2 (approximately 1.25V).
FIGURE 6. 3VDUAL AND 5VDUAL TIMING DIAGRAM FOR
EN3VDL = 0, EN5VDL = 1
FIGURE 7. 3VDUAL AND 5VDUAL TIMING DIAGRAM FOR
EN3VDL = 0, EN5VDL = 0
FIGURE 8. 2.5/3.3VMEM TIMING DIAGRAM
5VSB
12V
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
5VSB
12V
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
5VSB
12V
S3
S5
DRV2
VSEN2
VSEN2
INTERNAL
DEVICE
FIGURE 9. SOFT-START INTERVAL IN A SLEEP STATE (ALL
OUTPUTS ENABLED)
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1 (3.3VDUAL)
VOUT2 (2.5VMEM)
VOUT3 (5VDUAL)
T1 T2 T3
T0
5VSB
(1V/DIV)
UV DETECT ENABLE
(LOGIC LEVEL)
T5
T4
HIP6501A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com