Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG731 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG731 Datasheet HTML 3Page - Analog Devices ADG731 Datasheet HTML 4Page - Analog Devices ADG731 Datasheet HTML 5Page - Analog Devices ADG731 Datasheet HTML 6Page - Analog Devices ADG731 Datasheet HTML 7Page - Analog Devices ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices ADG731 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
ADG725/ADG731
–7–
PIN CONFIGURATIONS
PIN FUNCTION DESCRIPTIONS
ADG725
ADG731
Mnemonic
Function
1–12, 25–40, 1–12, 25–40, Sxx
Source. May be an input or output.
45–48
45–48
13, 14
13, 14
VDD
Power Supply Input. These parts can be operated from a single supply of 1.8 V to 5.5 V
and a dual supply of
±2.5 V.
17
17
SYNC
Active Low Control Input. This is the frame synchronization signal for the input
data. When
SYNC goes low, it powers on the SCLK and DIN buffers and the input
Shift Register is enabled. An 8-bit counter is also enabled. Data is transferred on the
falling edges of the following clocks. After eight falling clock edges, switch conditions
are automatically updated.
SYNC may be used to frame the signal or just pulled low
for a short period of time to enable the counter and input buffers.
18
18
DIN
Serial Data Input. Data is clocked into the 8-bit Input Register MSB first on the falling
edge of the serial clock input.
19
19
SCLK
Serial Clock Input. Data is clocked into the Input Shift Register on the falling edge of
the serial clock input. These devices can accommodate serial input rates of up to 30 MHz.
23
23
GND
Ground Reference
24
24
VSS
Most Negative Power Supply in a Dual-Supply Application. In single-supply applications,
connect to GND.
41, 43
N/A
DA, DB
Drain. May be an input or output.
N/A
43
D
Drain. May be an input or output.
48-Lead LFCSP and TQFP
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
S28
S27
S26
S25
S24
S23
S22
S12
S11
S10
S9
S8
S7
S6
NC = NO CONNECT
S5
S4
S3
S2
S21
S20
S19
S18
ADG731
S1
S17
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
S12B
S11B
S10B
S9B
S8B
S7B
S6B
S12A
S11A
S10A
S9A
S8A
S7A
S6A
NC = NO CONNECT
S5A
S4A
S3A
S2A
S5B
S4B
S3B
S2B
ADG725
S1A
S1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com