Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP7010B Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP7010B
Description  J1850 Byte Level Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7010B Datasheet(HTML) 1 Page - Intersil Corporation

  HIP7010B Datasheet HTML 1Page - Intersil Corporation HIP7010B Datasheet HTML 2Page - Intersil Corporation HIP7010B Datasheet HTML 3Page - Intersil Corporation HIP7010B Datasheet HTML 4Page - Intersil Corporation HIP7010B Datasheet HTML 5Page - Intersil Corporation HIP7010B Datasheet HTML 6Page - Intersil Corporation HIP7010B Datasheet HTML 7Page - Intersil Corporation HIP7010B Datasheet HTML 8Page - Intersil Corporation HIP7010B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
ADVANCE INFORMATION
August 1996
HIP7010
J1850 Byte Level Interface Circuit
Features
• Fully Supports VPW (Variable Pulse Width) Messaging
Practices of SAE J1850 Standard for Class B Data
Communications Network Interface
- 3-Wire, High-Speed, Synchronous, Serial Interface
• Reduces Wiring Overhead
• Directly Interfaces with 68HC05 and 68HC11 Style SPI
Ports
• 1MHz, 8-Bit Transfers Between Host and HIP7010
Minimize Host Service Requirements
• Automatically Transmits Properly Framed Messages
• Prepends SOF to First Byte and Appends CRC to Last
Byte
• Fail-Safe Design Including, Slow Clock Detection
Circuitry, Prevents J1850 Bus Lockup Due to System
Errors or Loss of Input Clock
• Automatic Collision Detection
• End of Data (EOD), Break, Idle Bus, and Invalid Symbol
(Noise/Illegal Symbols) Detection
• Supports In-Frame Responses with Generation of
Normalization Bits (NB) for Type 1, Type 2, and Type 3
Messages
• Wait-For-Idle Mode Reduces Host Overhead During
Non-Applicable Messages
• Status Register Flags Provide Information on Current
Status of J1850 Bus
• Serial I/O Pins are Active Only During Transfers - Bus
Available for Other Devices 95% of the Time
• TEST Pin Provides Built-in-Test Capabilities for
In-System Diagnostics and Factory Testing
• High Speed (4X) Receive Mode for Production and
Diagnostic Testing/Programming
• Operates with Wide Range of Input Clock Frequencies
• Power-Saving Power-Down Mode
• Full -40oC to +125oC Operating Range
• Single 3.0V to 6.0V Supply
Description
The Intersil HIP7010, J1850 Byte Level Interface Circuit, is a
member of the Intersil family of low-cost multiplexed wiring
ICs. The integrated functions of the HIP7010 provide the
system designer with components key to building a “Class B”
multiplexed communications network interface, which fully
conforms to the VPW Multiplexed Wiring protocol specified
in the SAE J1850 Standard. The HIP7010 is designed to
interface with a wide variety of Host microcontrollers via a
standard three wire, high-speed (1MHz), synchronous, serial
interface. The HIP7010 automatically produces properly
framed VPW messages, prepending the Start of Frame
(SOF) symbol and calculating and appending the CRC
check byte. All circuitry needed to decode incoming mes-
sages, to validate CRC bytes, and to detect Breaks, End of
Data (EOD), Idle bus, and illegal symbols is included. In-
Frame Responses (IFRs) are fully supported for Type 1,
Type 2, and Type 3 messages, with the appropriate Normal-
ization Bit automatically generated. The HCMOS design
allows proper opeSration at various input frequencies from
2MHz to 12MHz. Connection to the J1850 Bus is via a Inter-
sil HIP7020.
Pinout
HIP7010 (SOIC, PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIP7010P
-40 +125
14 Lead Plastic DIP
E14.3
HIP7010B
-40 +125
14 Lead Plastic SOIC (N)
M14.15
IDLE
VPWIN
VPWOUT
VDD
RESET
TEST
SACTIVE
RDY
STAT
CLK
VSS
SIN
SOUT
SCK
1
2
3
4
5
6
7
14
13
12
11
10
9
8
File Number
3644.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP7010B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP7020 INTERSIL-HIP7020 Datasheet
81Kb / 11P
J1850 Bus Transceiver For Multiplex Wiring Systems
1998 06
HIP7020AB INTERSIL-HIP7020AB Datasheet
81Kb / 11P
J1850 Bus Transceiver For Multiplex Wiring Systems
1998 06
HIP7020AP INTERSIL-HIP7020AP Datasheet
81Kb / 11P
J1850 Bus Transceiver For Multiplex Wiring Systems
1998 06
HIP7030A0 INTERSIL-HIP7030A0 Datasheet
44Kb / 10P
J1850 8-Bit 68HC05 Microcontroller Emulator Version
1994 04
HIP7030A0M INTERSIL-HIP7030A0M Datasheet
44Kb / 10P
J1850 8-Bit 68HC05 Microcontroller Emulator Version
1994 04
More results

Similar Description - HIP7010B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2601 NSC-LM2601 Datasheet
130Kb / 6P
Adapter Interface Circuit
logo
Intersil Corporation
HIP7030A2 INTERSIL-HIP7030A2 Datasheet
263Kb / 56P
J1850 8-Bit 68HC05 Microcontroller
1996 08
logo
Hitachi Semiconductor
HA16662MP HITACHI-HA16662MP Datasheet
279Kb / 12P
HDD Interface Circuit
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
SAE/J1850/VPW transceiver
2001 Jun 19
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Xilinx, Inc
DS573 XILINX-DS573 Datasheet
765Kb / 20P
PLB interface with byte-enable support
DS581 XILINX-DS581 Datasheet
1Mb / 50P
PLB interface with byte enable support
logo
Exar Corporation
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com