Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP7020AP Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP7020AP
Description  J1850 Bus Transceiver For Multiplex Wiring Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7020AP Datasheet(HTML) 3 Page - Intersil Corporation

  HIP7020AP Datasheet HTML 1Page - Intersil Corporation HIP7020AP Datasheet HTML 2Page - Intersil Corporation HIP7020AP Datasheet HTML 3Page - Intersil Corporation HIP7020AP Datasheet HTML 4Page - Intersil Corporation HIP7020AP Datasheet HTML 5Page - Intersil Corporation HIP7020AP Datasheet HTML 6Page - Intersil Corporation HIP7020AP Datasheet HTML 7Page - Intersil Corporation HIP7020AP Datasheet HTML 8Page - Intersil Corporation HIP7020AP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VBATT . . . . . . . . . . . . . . . . . . . . . . . . . -20V to +24V
Short Term Supply Voltage, VBATT, 1s Max. (Note 2) . . . . . . . +35V
J1850 Bus Input Voltage, VBUS IN . . . . . . . . . . . . . . . . . . . . . . ±20V
J1850 Bus Load Current, IBO. . . . . . . . . . . . . . . . . . . . .Self-Limiting
TX Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to 7V
RX Logic Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Load Dump (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
BUS Transient Susceptibility . . . . . . . . . . . . . . . . . . . . . . . (Note 3)
ESD:
BUS OUT, BATTERY Pins, (Air Gap, Note 4) . . . . . .
±9kV
BUS OUT, BATTERY Pins, (Direct, Note 4) . . . . .
±4.5kV
All Other Pins (Direct, Note 4) . . . . . . . . . . . . . . . . . .
±2kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-40oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Fault capability of the J1850 Bus Transceiver includes reverse battery, load dump and latch-up tolerance to
±200mA on any terminal. The
Short Term Power Supply Voltage capability is 35V for a maximum of 1s. Continued operation at this voltage may cause thermal shutdown.
3. Transient Susceptibility Bus and Battery Pins Per SAE J1113, Aug 1987, Figures 7 Test Pulses 1, 2, 3A and 3B at -50V, +100V and
±200V
respectively.
4. ESD Conditions - SAE J1113; Aug 1987.
BUS OUT & BATTERY Pins: Air Gap and Direct Contact Discharge; R = 2k
Ω, C = 150pF
All Other Pins: Direct Contact Discharge; R = 1.5k
Ω, C = 100pF
Electrical Specifications
9.0V
≤ V
BATT ≤ 16V; RS = 56.2kΩ±1%; except as noted, RBS = 500Ω to 1500Ω and τ =RBSCBS =5µs.
All voltages are measured with respect to ground and the TA Range of -40
oC to 125oC shall not be
exceeded during test unless otherwise specified. For test detail, refer to the Block Diagram, Figures 3
and 4 Test Circuits and Figures 5 and 6 Waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Idle Supply Current
IBATT
BUS OUT Open; No Bus Signal;
VBATT = 12.6V; VTX Low
90
200
350
µA
Operating Voltage Range
VBATT
(Note 5)
6
-
24
V
Supply Current,
BUS OUT Short to GND
IBATT(SG)
BUS OUT Short to GND, VTX High
20
-
50
mA
Supply Current,
BUS OUT Short to BATT
IBATT(SB)
BUS OUT to VBATT; IBO = 0 mA
VTX High
2
-
8
mA
VTX Low
90
-
350
µA
Thermal Shutdown Temperature
TSD
(Note 6)
150
-
170
oC
Thermal Shutdown Hysteresis
TSDHYS
(Note 6)
5
10
15
oC
TX CMOS/TTL INPUT WITH/PULL DOWN
Input Bias Current, TX
ITX
VTX = 7V; (Note 7)
20
-
38
µA
Input Low Voltage
VIL
-
-
0.8
V
Input High Voltage
VIH
2.0
-
-
V
Input Capacitance
CTX
2-5
pF
BUS OUT
BUS OUT High Voltage
VBOH
VTX High
6.6
-
8.5
V
BUS OUT Low Voltage
VBOL
Bus Load, RBS = 1.5kΩ; VTX Low
-
-
0.1
V
BUS OUT Voltage, Low Battery
VBOH(PSL) 6V ≤ VBATT < 9V; VTX High
Note
13
-
8.5
V
Source Current, Bus Low
IBO_LIMIT
-20V
≤ VBUS OUT < [VBOH (Measured) - 0.8V];
VTX High
-20
-
-42
mA
BUS OUT During LOOPBACK
VLOOPBACK LB EN Low, VTX High
-
-
1
V
HIP7020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com