Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP9020 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP9020
Description  Programmable Quad Buffer with Pre and Post Scaler Dividers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9020 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP9020 Datasheet HTML 1Page - Intersil Corporation HIP9020 Datasheet HTML 2Page - Intersil Corporation HIP9020 Datasheet HTML 3Page - Intersil Corporation HIP9020 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10-55
Programmable Quad Buffer Functional Block Diagram
LOGIC SELECT FOR INPUT (SSI) TO OUTPUT (VOX) DIV-BY NUMBER
PRSS-A
PRSS-B
PRSS-C
VO1, VO2, VO3
(POSS HIGH)
DIV-BY
VO4
(POSS HIGH)
DIV-BY
VO1, VO2
(POSS LOW)
DIV-BY
VO3, VO4
(POSS LOW)
DIV-BY
0
0
0
2121
001
12
6
12
6
010
14
7
14
7
011
16
8
16
8
100
18
9
18
9
1
0
1
20
10
20
10
1
1
0
22
11
22
11
DRIVER
(V, I PROT)
LIMITER
SQ. AMP
WITHHYS.
FREQ
DOUBLER
BUFFER
DIV BY 2
DIV BY 2
VOLT. REG. &
PRESCALER
DIV-BY
1 AND 6 - 11
14
12
11
9
17
20
16
15
4
2
6
10
PRSO
VO1
VO2
VO3
VO4
(POST SCALER SELECT)
VCC
GND
SSI
(BUFFER OUTPUT)
POSI
(PRESCALER SELECT)
DRIVER
(V, IPROT)
DRIVER
(V, IPROT)
DRIVER
(V, IPROT)
Q1
Q1
(SPEED SENSOR INPUT)
(POST SCALER INPUT)
CURRENT
SOURCE
POSS
PRSS
(PRESCALER OUTPUT)
OUTPUTS
ABC
EACH OUTPUT
PROTECTED BY A
20
Ω
COLLECTOR-TO-BASE
30V
ZENER DIODE CLAMP
4
7
12
3
11
12
13
6
14
5
10
98
CIRCLED NUMBERS ARE 20 LEAD SOP PACKAGE
VOX
BUF
Q4
5
1
HIP9020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com