Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP9022 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP9022
Description  Dual High Speed Laser Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9022 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP9022 Datasheet HTML 1Page - Intersil Corporation HIP9022 Datasheet HTML 2Page - Intersil Corporation HIP9022 Datasheet HTML 3Page - Intersil Corporation HIP9022 Datasheet HTML 4Page - Intersil Corporation HIP9022 Datasheet HTML 5Page - Intersil Corporation HIP9022 Datasheet HTML 6Page - Intersil Corporation HIP9022 Datasheet HTML 7Page - Intersil Corporation HIP9022 Datasheet HTML 8Page - Intersil Corporation HIP9022 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-1
PRELIMINARY
HIP9022
Dual High Speed Laser Driver
The HIP9022 Dual High Speed Laser Driver is designed to
operate with a constant current drain from the power supply.
This current defines the laser operating power. The current is
accurately controlled in the range of 0.5A to 2A to deliver
constant optical power from the laser when used with an
external Power FET and Power Sense resistor. The operating
circuit allows flexibility in choosing driver current levels.
Eight S/H circuits are multiplex bus controlled to provide
analog data for the dual laser drivers. The bus is updated
during the blanking period of the laser printer scan with a
data rate up to 2.5MHz. A “thermo-electric-cooler” control
circuit provides temperature control of the laser. Two on-chip
ESD diodes protect each laser.
A principle advantage of the Dual High Speed Laser Driver is
accomplished by managing the high currents externally with
discrete Power FETs and thereby not forcing large switching
currents to exist on the same IC substrate with the precision
control circuitry.
Features
• Dual High Speed Laser Driver with Data Rates up to
2.5MHz
• 0.5A to 2A Range of Constant Current Source Controlled
to 0.1% Full Scale
• Low Signal Transients with Controlled Constant Current
Switching
• Laser Optical Power Controlled to Better than 0.5%
• Thermoelectric Cooler (TEC) Circuit to Control
Temperature to within 0.25oC
• Multiplexed Sample/Hold (S/H) Bus Interface
• Serial Diagnostic Bus with Multiplexed Output
• High Current ESD Diodes for Laser Diode Protection
Applications
• Dual Laser Printer Driver
Pinout
HIP9022 (PLCC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIP9022AM
0 to 100
68 Ld PLCC
N68.95
68 67 66 65 64 63 62 61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
18
19
20
21
22
23
24
25
26
27 28 29 30 31 32 33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
CTC2-27K
LASERON2B
OC2
TECFB2
TECREF2
TECGDR2
TRES2
OT2
VUP1
SG_1
VLOW1
VEE
GNDA1
GNDD1
CC1
XTEN1+
VUP2
SG_2
VLOW2
GNDA2
GNDD2
CC2
XTEN2+
XTEN2-
CTC2-10K
XTEN1-
CTC1-10K
CTC1-27K
LASERON1B
OC1
TECFB1
TECREF1
TECGDR1
TRES1
Data Sheet
October 1998
File Number
4509.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP9022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9020 INTERSIL-HIP9020 Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AB INTERSIL-HIP9020AB Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AP INTERSIL-HIP9020AP Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9021 INTERSIL-HIP9021 Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
HIP9021IB INTERSIL-HIP9021IB Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
More results

Similar Description - HIP9022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
DUAL HIGH-SPEED FET DRIVER
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
DUAL HIGH SPEED DRIVER
logo
Intersil Corporation
EL6207 INTERSIL-EL6207 Datasheet
93Kb / 7P
Dual Laser Driver Oscillator
October 10, 2002
logo
List of Unclassifed Man...
LDA1-CP1 ETC2-LDA1-CP1 Datasheet
49Kb / 5P
Dual Mode Laser Driver
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
DUAL HIGH SPEED DRIVER
logo
Renesas Technology Corp
ISL78365 RENESAS-ISL78365 Datasheet
306Kb / 5P
Automotive High-Speed Quad Laser Diode Driver
logo
Analog Technologies, In...
LDA1-CP1 ANALOGTECHNOLOGIES-LDA1-CP1 Datasheet
324Kb / 7P
Dual Mode Laser Driver
1/24/2022
logo
Renesas Technology Corp
ISL58214 RENESAS-ISL58214 Datasheet
1Mb / 24P
Programmable High Speed Single Channel Laser Diode Driver
April 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com