Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP9022AM Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP9022AM
Description  Dual High Speed Laser Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9022AM Datasheet(HTML) 5 Page - Intersil Corporation

  HIP9022AM Datasheet HTML 1Page - Intersil Corporation HIP9022AM Datasheet HTML 2Page - Intersil Corporation HIP9022AM Datasheet HTML 3Page - Intersil Corporation HIP9022AM Datasheet HTML 4Page - Intersil Corporation HIP9022AM Datasheet HTML 5Page - Intersil Corporation HIP9022AM Datasheet HTML 6Page - Intersil Corporation HIP9022AM Datasheet HTML 7Page - Intersil Corporation HIP9022AM Datasheet HTML 8Page - Intersil Corporation HIP9022AM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-5
Absolute Maximum Ratings
Thermal Information
Maximum Analog Supply Voltage, VDD . . . . . . . . . . . -0.3V to 14V
Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
Analog Negative Supply Voltage, VEE . . . . . . . . . . . . . 0.3V to -5.5
Maximum Laser Protection Diode Current . . . . . . . . . . 10A, 200ns
Operating Conditions
VDD Supply Voltage Range, VDD . . . . . . . . . . . . . . 11.4V to 12.6V
VCC Supply Voltage Range, VCC . . . . . . . . . . . . . . . . 4.5V to 5.5V
VEE Supply Voltage Range, VEE . . . . . . . . . . . . . . . . -4.5V to -5.5V
Laser Power Supply Range, VLAS . . . . . . . . . . . . . . . . . . 3V to 5V
TEC Power Supply Range, VTEC . . . . . . . . . . . . . . . . . . . 3V to 5V
Laser Operating Current Range, IDL . . . . . . . . . . . . . . . . . 0A to 2A
TEC Operating Current Range, ITEC . . . . . . . . . . . . . . . . . 0A to 2A
Thermal Resistance (Typical, Note 1)
θJC(oC/W)
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
40
Maximum Operating Junction Temperature, TJ . . . . . . . . . . . 100
oC
Maximum Storage Temperature Range, TSTG . . . . -55
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
Die Characteristics
Back Side Potential . . . . . . . . . . . . . . . . . . . . . . . . . -VEE, Substrate
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TJ = 100οC, VDD = 12V, VCC = 5V, VEE = -5V, INVERT Low (Figure 1 Configuration)
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
V9P Voltage, No External Load
V9P
1
µF Tantalum
Capacitor to V9P
-9-
V
V9P Thermal Shutdown
150
-
-
oC
V9P Thermal Shutdown Recovery
-
-
125
oC
V9P Current Limiting
65
-
-
mA
VDD Power Supply Current
IDD
-25
75
mA
VCC Power Supply Current
ICC
-
1.5
25
mA
VEE Power Supply Current
IEE
-75
-23
-
mA
LOGIC/DIGITAL INPUTS
(A0-A3, NULLB and SB_H, LASERON1B, LASERON2B with 60k
Ω Pullup Resistors; INVERT, RESETB, RLY_IN 60kΩ
with Pulldown Resistors)
Low Level Input Voltage
VIL
0
-
1.5
V
High Level Input Voltage
VIH
3.5
-
VCC + 0.3
V
Minimum Hysteresis
VHYS
0.3
-
-
V
Low Level Input Current (Inputs with Pullups)
IIL
-140
-
-
µA
High Level Input Current (Inputs with Pulldowns)
IIH
-
-
140
µA
CONSTANT CURRENT CONTROLLER
OTA Gate Drive Amp. (A2) Voltage Output Range
VG
-4
-
VCC
V
Current Monitor Amp. (A1) Gain
AVS
9.8
10
10.2
-
Current Monitor Amp. Differential Sense Input Range
VIN
0
-
500
mV
Current Monitor Amp. Input Offset
VIO
-5
-
5
mV
Current Monitor Amp. Common Mode Input Range
VIC
0-5
V
SHUNT CURRENT SWITCH CONTROLLER
(Note 2) VUPPER = 2V, VLOWER = -1V, Gate Load = 5000pF, VUP1, 2; 1µF Filter Capacitor to
GND, VLOW1, 2; 1
µF Filter Capacitor to GND, Unless Otherwise Specified
Shunt Gate Output Rise/Fall time
tR/tF
10% -90% Rise,
90% -10% Fall
-
-
20
ns
Propagation Delay, LASERONB1, 2 to SG_1, 2
tD
TJ = 100
oC
-
80
110
ns
TJ = -25
o C
-
60
95
ns
Drive Output Voltage
VUPPER
0-
VCC
V
VLOWER
-4
-
VCC
V
HIP9022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com