Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1230 Datasheet(PDF) 2 Page - YOBON TECHNOLOGIES,INC.

Part # YB1230
Description  600mA, Low-Noise LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1230 Datasheet(HTML) 2 Page - YOBON TECHNOLOGIES,INC.

  YB1230_09 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1230_09 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
YB1230
600mA, Low-Noise LDO Regulator
YB1230 Rev.1.6
www.yobon.com.tw
2
Pin Configuration
Figure 2: Pin Configuration
Pin Description
Table 1
Name
Description
VIN
Unregulated input supply. Bypass with a capacitor to GND.
GND
Ground pin.
EN
Pull high to enable the regulator.
VOUT
Regulated output voltage. Bypass with a capacitor to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com