Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8115 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HMP8115
Description  NTSC/PAL Video Decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8115 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HMP8115 Datasheet HTML 9Page - Intersil Corporation HMP8115 Datasheet HTML 10Page - Intersil Corporation HMP8115 Datasheet HTML 11Page - Intersil Corporation HMP8115 Datasheet HTML 12Page - Intersil Corporation HMP8115 Datasheet HTML 13Page - Intersil Corporation HMP8115 Datasheet HTML 14Page - Intersil Corporation HMP8115 Datasheet HTML 15Page - Intersil Corporation HMP8115 Datasheet HTML 16Page - Intersil Corporation HMP8115 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
If 16-bit YCbCr, 15-bit RGB data, or 16-bit RGB data is gen-
erated, it is output following the rising edge of CLK2 while
DVALID is asserted. Either linear or gamma-corrected RGB
data may be output. The pixel output timing is shown in Fig-
ures 12 to 15.
BLANK, HSYNC, VSYNC, DVALID, VBIVALID, and FIELD
are output following the rising edge of CLK2. When BLANK
is asserted and VBIVALID is deasserted, the YCbCr outputs
have a value of 16 for Y and 128 for Cb and Cr; the RGB out-
puts have a value of 0.
NOTES:
11. Y0 is the first active luminance pixel data of a line. Cb0 and Cr0 are first active chrominance pixel data in a line. Cb and Cr will alternate
every cycle due to the 4:2:2 subsampling.
12. BLANK is asserted per Figure 9.
FIGURE 12. OUTPUT TIMING FOR 16-BIT YCbCr MODE (DVLD_LTC = 0, DVLD_DCYC = 0)
Y0
Cb0
CLK
DVALID
BLANK
P15-P8
P7-P0
tDVLD
Y1
Y2
Y3
Y4
Cr0
Cb2
Cr2
Cb4
NOTE:
13. BLANK is asserted per Figure 9.
FIGURE 13. OUTPUT TIMING FOR 16-BIT [15-BIT] RGB MODE (DVLD_LTC = 0, DVLD_DCYC = 0)
R0
G0
CLK
DVALID
P15-P11
P10-P5
tDVLD
R1
R2
R3
R4
G1
G2
G3
G4
B0
P4-P0
B1
B2
B3
B4
[P9-P5]
[P14-P10]
HMP8115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com