Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP9701 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 6Page - Intersil Corporation HMP9701 Datasheet HTML 7Page - Intersil Corporation HMP9701 Datasheet HTML 8Page - Intersil Corporation HMP9701 Datasheet HTML 9Page - Intersil Corporation HMP9701 Datasheet HTML 10Page - Intersil Corporation HMP9701 Datasheet HTML 11Page - Intersil Corporation HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TABLE 20. CONTROL/STATUS REGISTER ADDRESS MAP
REG
NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00h
Reset
X
0
0
0
0
0
0
0
00000001
na
02h
Master Volume
Mute
X
ML5
ML4
ML3
ML2
ML1
ML0
X
X
MR5
MR4
MR3
MR2
MR1
MR0
8000h
04h
Reserved
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
06h
Master Volume Mono
Mute
X
X
X
X
X
X
X
X
X
MM5
MM4
MM3
MM2
MM1
MM0
8000h
08h
Reserved
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0Ah
PC_BEEP Volume
Mute
X
X
X
X
X
X
X
X
X
X
PV3
PV2
PV2
PV0
X
8000h
0Ch
Phone Volume
Mute
X
X
X
X
X
X
X
X
X
GN5
GN4
GN3
GN2
GN1
GN0
8008h
0Eh
Mic Volume
Mute
X
X
X
X
X
X
X
X
20dB
GN5
GN4
GN3
GN2
GN1
GN0
8008h
10h
Line In Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
12h
CD Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
14h
Video Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
16h
Aux Volume
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
18h
PCM Out Vol
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
8808h
1Ah
Record Select
X
X
X
X
X
SL2
SL1
SL0
X
X
X
X
X
SR2
SR1
SR0
0000h
1Ch
Record Gain
Mute
X
X
X
GL3
GL2
GL1
GL0
X
X
X
X
GR3
GR2
GR1
GR0
8000h
1Eh
Record Gain Mic
Mute
X
X
X
X
X
X
X
X
X
X
X
GM3
GM2
GM1
GM0
8000h
20h
General Purpose
X
X
X
X
X
X
MIX
MS
LPBK
X
X
X
X
X
X
X
0000h
22h
Reserved
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
24h
Reserved
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
26h
Powerdown Ctrl/Stat
X
X
PR5
PR4
PR3
PR2
PR1
PR0
X
X
X
X
REF
ANL
DAC
ADC
na
28h
Reserved
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
7Ah
Vendor Reserved
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
7Ch
Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4852
7Eh
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
5300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com