Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG758 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG758
Description  4-/8-Channel Multiplexers in Chip Scale Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758 Datasheet(HTML) 2 Page - Analog Devices

  ADG758 Datasheet HTML 1Page - Analog Devices ADG758 Datasheet HTML 2Page - Analog Devices ADG758 Datasheet HTML 3Page - Analog Devices ADG758 Datasheet HTML 4Page - Analog Devices ADG758 Datasheet HTML 5Page - Analog Devices ADG758 Datasheet HTML 6Page - Analog Devices ADG758 Datasheet HTML 7Page - Analog Devices ADG758 Datasheet HTML 8Page - Analog Devices ADG758 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV.
ADG758/ADG759–SPECIFICATIONS1(V
DD = 5 V
10%, VSS = 0 V, GND = 0 V, unless otherwise noted.)
B Version
–40 C
Parameter
+25 C
to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
ON Resistance (RON)3
Ω typ
VS = 0 V to VDD, IDS = 10 mA;
4.5
5
Ω max
Test Circuit 1
ON Resistance Match Between
0.4
Ω typ
Channels (
∆RON)
0.8
Ω max
VS = 0 V to VDD, IDS = 10 mA
ON Resistance Flatness (RFLAT(ON))0.75
Ω typ
VS = 0 V to VDD, IDS = 10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V;
±0.1
±0.3
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V;
±0.1
±0.75
nA max
Test Circuit 3
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS = 1 V, or 4.5 V, Test Circuit 4
±0.1
±0.75
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
14
ns typ
RL = 300
Ω, C
L = 35 pF; Test Circuit 5
25
ns max
VS1 = 3 V/0 V, VS8 = 0 V/3 V
Break-Before-Make Time Delay, tD
8
ns typ
RL = 300
Ω, CL = 35 pF
1
ns min
VS = 3 V; Test Circuit 6
tON (EN)
14
ns typ
RL = 300
Ω, CL = 35 pF
25
ns max
VS = 3 V; Test Circuit 7
tOFF (EN)
7
ns typ
RL = 300
Ω, C
L = 35 pF
12
ns max
VS = 3 V; Test Circuit 7
Charge Injection
±3pC typ
VS = 2.5 V, RS = 0
Ω, CL = 1 nF;
Test Circuit 8
Off Isolation
–60
dB typ
RL = 50
Ω, CL = 5 pF, f = 10 MHz
–80
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 9
Channel-to-Channel Crosstalk
–60
dB typ
RL = 50
Ω, CL = 5 pF, f = 10 MHz
–80
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 10
–3 dB Bandwidth
55
MHz typ
RL = 50
Ω, CL = 5 pF; Test Circuit 11
CS (OFF)
13
pF typ
f = 1 MHz
CD (OFF)
ADG758
85
pF typ
f = 1 MHz
ADG759
42
pF typ
f = 1 MHz
CD, CS (ON)
ADG758
96
pF typ
f = 1 MHz
ADG759
48
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com