Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2776T Datasheet(PDF) 8 Page - NEC

Part # UPC2776T
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776T Datasheet(HTML) 8 Page - NEC

Back Button UPC2776T Datasheet HTML 4Page - NEC UPC2776T Datasheet HTML 5Page - NEC UPC2776T Datasheet HTML 6Page - NEC UPC2776T Datasheet HTML 7Page - NEC UPC2776T Datasheet HTML 8Page - NEC UPC2776T Datasheet HTML 9Page - NEC UPC2776T Datasheet HTML 10Page - NEC UPC2776T Datasheet HTML 11Page - NEC UPC2776T Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
µµµµPC2776TB
S-Parameter (VCC = Vout = 5.0 V)
S11- FREQUENCY
0.1 G
3.0 G
1.0 G
2.0 G
S22- FREQUENCY
0.1 G
3.0 G
1.0 G
2.0 G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com