Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2794GS Datasheet(PDF) 17 Page - NEC

Part # UPC2794GS
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2794GS Datasheet(HTML) 17 Page - NEC

Back Button UPC2794GS Datasheet HTML 12Page - NEC UPC2794GS Datasheet HTML 13Page - NEC UPC2794GS Datasheet HTML 14Page - NEC UPC2794GS Datasheet HTML 15Page - NEC UPC2794GS Datasheet HTML 16Page - NEC UPC2794GS Datasheet HTML 17Page - NEC UPC2794GS Datasheet HTML 18Page - NEC UPC2794GS Datasheet HTML 19Page - NEC UPC2794GS Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
µPC2794GS
17
Data Sheet P11888EJ3V0DS00
PACKAGE DIMENSIONS
20 PIN PLASTIC SOP (300 mil) (UNIT: mm)
NOTE Each lead centerline is located within 0.12 mm of its true position (T.P.) at maximum material condition.
12.7
±0.3
1.27
0.4
±0.1
detail of lead end
7.7
±0.3
5.6
±0.2
0.6
±0.2
0.12
1.1
0.10
M
110
11
20
0.20
+0.10
–0.05
3
°+7°
–3
°
1.55
±0.1
0.78 MAX.
0.1
±0.1
1.8 MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com