Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2797 Datasheet(PDF) 1 Page - NEC

Part # UPC2797
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2797 Datasheet(HTML) 1 Page - NEC

  UPC2797 Datasheet HTML 1Page - NEC UPC2797 Datasheet HTML 2Page - NEC UPC2797 Datasheet HTML 3Page - NEC UPC2797 Datasheet HTML 4Page - NEC UPC2797 Datasheet HTML 5Page - NEC UPC2797 Datasheet HTML 6Page - NEC UPC2797 Datasheet HTML 7Page - NEC UPC2797 Datasheet HTML 8Page - NEC UPC2797 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©
1996,1999
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC2797GR
FREQUENCY DOWN CONVERTER FOR
VHF TO UHF BAND TV/VCR TUNER
DESCRIPTION
The
µPC2797GR is a Silicon monolithic IC designed for TV/VCR tuner applications. This IC consists of a double
balanced mixer (DBM), local oscillator, preamplifier for precscaler operation, IF amplifier, regulator, UHF/VHF
switching circuit, and so on. This one-chip IC covers a wide frequency band from VHF to UHF bands. This IC is
packaged in 20-pin SSOP (Shrink Small Outline Package) suitable for surface mounting.
FEATURES
•
VHF to UHF bands operation.
•
Low distortion
CM: VHF (@fRF = 470 MHz) 96 dB
µ
UHF (@fRF = 890 MHz) 92 dB
µ
•
Supply voltage
: 9 V
•
Packaged in 20-pin SSOP suitable for surface mounting
ORDERING INFORMATION
Part Number
Package
Package Style
µPC2797GR-E1
20-pin plastic SSOP (225 mil)
Embossed tape 12 mm wide. 2.5 k/REEL.
Pin 1 indicates pull-out direction of tape
For evaluation sample order, please contact your local NEC office. (Part number for sample order:
µPC2797GR)
Document No. P11889EJ3V0DS00 (3rd edition)
Date Published October 1999 N CP(K)
Printed in Japan
Caution electro-static sensitive device
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPC2797

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB-E3 NEC-UPC2791TB-E3 Datasheet
114Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB-E3 CEL-UPC2791TB-E3 Datasheet
225Kb / 4P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2791TB-E3-A CEL-UPC2791TB-E3-A Datasheet
225Kb / 4P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2797

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2775GR NEC-UPC2775GR Datasheet
128Kb / 16P
FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
UPC2794GS NEC-UPC2794GS Datasheet
142Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3207GR NEC-UPC3207GR Datasheet
139Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
logo
Sony Corporation
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com