Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43124PC-33 Datasheet(PDF) 15 Page - Intersil Corporation

Part # HSP43124PC-33
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43124PC-33 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button HSP43124PC-33 Datasheet HTML 9Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 10Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 11Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 12Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 13Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 14Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 15Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 16Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output Voltage . . . . . . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range (Commercial). . . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Voltage Range (Industrial) . . . . . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Temperature Range (Commercial). . . . . . . . . . . . . . . . . 0oC to 70oC
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature . . . . . . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40,304
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
VCC = 5.0V +5%, TA = 0
o to 70oC Commercial, T
A = -40
o to 85oC Industrial
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Power Supply Current
ICCOP
VCC = Max, FCLK = SCLK = 45MHz
Notes 2, 3
-
203
mA
Standby Power Supply Current
ICCSB
VCC = Max, Outputs Not Loaded
-
500
µA
Input Leakage Current
II
VCC = Max, Input = 0V or VCC
-10
10
µA
Output Leakage Current
IO
VCC = Max, Input = 0V or VCC
-10
10
µA
Clock Input High
VIHC
VCC = Max, FCLK and SCLK
3.0
-
V
Clock Input Low
VILC
VCC = Min, FCLK and SCLK
-
0.8
V
Logical One Input Voltage
VIH
VCC = Max
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = Min
-
0.8
V
Logical One Output Voltage
VOH
IOH = -5mA, VCC = Min
2.6
-
V
Logical Zero Output Voltage
VOL
IOL = 5mA, VCC = Min
-
0.4
V
Input Capacitance
CIN
FCLK = SCLK = 1MHz
All Measurements Referenced to GND.
TA = 25
oC, Note 4
-10
pF
Output Capacitance
COUT
-10
pF
NOTES:
2. Power supply current is proportional to frequency. Typical rating is 4.5mA/MHz.
3. Output load per test circuit and CL = 40pF.
4. Not tested, but characterized at initial design and at major process/design changes.
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com