Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2798 Datasheet(PDF) 18 Page - NEC

Part # UPC2798
Description  IF DOWN CONVERTOR IC FOR DIGITAL CATV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2798 Datasheet(HTML) 18 Page - NEC

Back Button UPC2798 Datasheet HTML 14Page - NEC UPC2798 Datasheet HTML 15Page - NEC UPC2798 Datasheet HTML 16Page - NEC UPC2798 Datasheet HTML 17Page - NEC UPC2798 Datasheet HTML 18Page - NEC UPC2798 Datasheet HTML 19Page - NEC UPC2798 Datasheet HTML 20Page - NEC UPC2798 Datasheet HTML 21Page - NEC UPC2798 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet P11998EJ3V0DS00
18
µµµµPC2798GR
APPLICATION CIRCUIT EXAMPLE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AGC Amp MIXER
OSC Buffer
Amp
OSC OUT
Buffer Amp
OSC
VIDEO
Amp
10 nF
10 nF
10 nF
5 pF
1 k
1 k
220 nF
220 nF
1 nF
10 nF
10 nF
10 pF
10 pF
20 pF
1000 pF
1000 pF
10 k
10 k
100 k
100 k
IN
VAGC
VCC1
OSC OUT
10 nF
1 nF
10 nF
220 nF
VCC 2
OUT 1
OUT 2
open
/short
1.0
H
µ
CV
Vtu
CV: N ratio = 10 to 11 (ex. HVU 200 A)
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com