Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45240/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HSP45240/883
Description  Address Sequencer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45240/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HSP45240/883 Datasheet HTML 1Page - Intersil Corporation HSP45240/883 Datasheet HTML 2Page - Intersil Corporation HSP45240/883 Datasheet HTML 3Page - Intersil Corporation HSP45240/883 Datasheet HTML 4Page - Intersil Corporation HSP45240/883 Datasheet HTML 5Page - Intersil Corporation HSP45240/883 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9-17
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output Voltage Applied. . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PGA Package . . . . . . . . . . . . . . . . . . .
37.1
10.1
Maximum Package Power Dissipation at 125oC
PGA Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.35W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8,388
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. DC ELECTRICAL SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
TEST CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE (oC)
LIMITS
UNITS
MIN
MAX
Logical One Input
Voltage
VlH
VDD = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
2.2
-
V
Logical Zero Input
Voltage
VIL
VDD = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
-
0.8
V
Output HlGH Voltage
VOH
IOH = -400µA
VDD = 4.5V (Note 2)
1, 2, 3
-55
≤ TA ≤ 125
2.6
-
V
Output LOW Voltage
VOL
IOL = +2.0mA
VCC = 4.5V (Note 2)
1, 2, 3
-55
≤ TA ≤ 125
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Output Leakage Current
IOV
OUT = VCC or GND
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Clock lnput High
VIHC
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
3.0
-
V
Clock Input Low
VILC
VCC = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
-
0.8
V
Standby Power Supply
Current
ICCSB
VIN = VCC or GND
VCC = 5.5V,
Outputs Open
1, 2, 3
-55
≤ TA ≤ 125
-
500
µA
Operating Power
Supply Current
ICCOP
f = 33MHz
VCC = 5.5V (Note 3)
1, 2, 3
-55
≤ TA ≤ 125
-
99
mA
Functional Test
FT
(Note 4)
7, 8
-55
≤ TA ≤ 125
-
-
NOTES:
2. Interchanging of force and sense conditions is permitted.
3. Operating Supply Current is proportional to frequency, typical rating is 3mA/MHz.
4. Tested as follows: t = 1MHz, VIH = 2.6, VIL = 0.4, VOH ≥ 1.5V, VOL < 1.5V, VIHC = 3.4V, and VILC = 0.4V.
HSP45240/883



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com