Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50307SC Datasheet(PDF) 5 Page - Intersil Corporation

Part # HSP50307SC
Description  Burst QPSK Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50307SC Datasheet(HTML) 5 Page - Intersil Corporation

  HSP50307SC Datasheet HTML 1Page - Intersil Corporation HSP50307SC Datasheet HTML 2Page - Intersil Corporation HSP50307SC Datasheet HTML 3Page - Intersil Corporation HSP50307SC Datasheet HTML 4Page - Intersil Corporation HSP50307SC Datasheet HTML 5Page - Intersil Corporation HSP50307SC Datasheet HTML 6Page - Intersil Corporation HSP50307SC Datasheet HTML 7Page - Intersil Corporation HSP50307SC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7-72
Applications Example
Figure 4 shows an applications example of the HSP50307.
The MCLK source operates at 25.6MHz, and the RCLK
operates at 2.048MHz. 0.1
µF capacitors are connected from
the IBBOUT to IBBIN and the QBBOUT to QBBIN, providing
AC coupling to the Analog Upconverter Section of the
HSP50307.
The control processor sends the 23-bit control word via the
three-wire interface. The data source receives the 256kHz
TXCLK from the HSP50307 and transmits data and enable
signal at the 256kHz rate.
The DAC_REF and VCM_REF are connected to 0.1
µF
capacitors to ground. Each of the differential drivers are
loaded with a 37.5
Ω resistor and a 0.1µF capacitor. The
37.5
Ω resistors provide matching to the 75Ω cable. The
capacitors perform AC coupling. The drive paths are sent to
the cable transformer for data transmissions.
Table 3 shows the general functional specifications for the
applications example shown in Figure 4. It gives an overview
of what is being accomplished but does not specify an exact
carrier frequency or other programmable functions. These
specifications are met given a valid control word combination
and the applications circuit shown in Figure 4. Table 4 sum-
marizes the performance of the applications example shown
in Figure 4. Again, these specifications are met given a valid
programmed mode.
NOTE: The HSP50307 is sensitive to layout. Users must
make sure the input signals do not couple back into the
output signals. The performance of the HSP50307 is
also sensitive to the decoupling capacitors between
1) QBBOUT and QBBIN and 2) IBBOUT and IBBIN. The
values shown in Figure 4 are recommended.
0.1
µF
CCLK
C_EN
DVCC
RCLK
AGND
VCO_IN
AVCC
MOD_OUT-
MOD_OUT+
AVDD
AGND
CDATA
PD_OUT
VCO_SET
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MCLK
TX_EN
TX_DATA
RESET
DGND
AGND
QBBOUT
QBBIN
IBBIN
DAC_REF
VCM_REF
TXCLK
AVCC
IBBOUT
0.1
µF
0.1
µF
0.1
µF
+5VANALOG
0.1
µF
DGND
AGND
25.6MHz
OSC
DATA
SOURCE
0.1
µF
DGND
CONTROL
PROC.
2.048MHz
OSC
0.01
µF
2k
Ω
6.25k
Ω
100pF
0.01
µF
+5VANALOG
37.5
Ω 0.1µF
CABLE
TRANSFORMER
37.5
Ω 0.1µF
0.1
µF
+9VANALOG
+5VDIGITAL
AGND
FIGURE 4. APPLICATIONS EXAMPLE OF THE HSP50307
RFOUT
HSP50307



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com