Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP9501 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP9501
Description  Programmable Data Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9501 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP9501 Datasheet HTML 1Page - Intersil Corporation HSP9501 Datasheet HTML 2Page - Intersil Corporation HSP9501 Datasheet HTML 3Page - Intersil Corporation HSP9501 Datasheet HTML 4Page - Intersil Corporation HSP9501 Datasheet HTML 5Page - Intersil Corporation HSP9501 Datasheet HTML 6Page - Intersil Corporation HSP9501 Datasheet HTML 7Page - Intersil Corporation HSP9501 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
191
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HSP9501
Programmable Data Buffer
The HSP9501 is a 10-Bit wide programmable data buffer
designed for use in high speed digital systems. Two different
modes of operation can be selected through the use of the
MODSEL input. In the delay mode, a programmable data
pipeline is created which can provide 2 to 1281 clock cycles
of delay between the input and output data. In the data
recirculate mode, the output data path is internally routed
back to the input to provide a programmable circular buffer.
The length of the buffer or amount of delay is programmed
through the use of the 11-bit Length Control Input Port (LC0-
10) and the Length Control Enable (LCEN). An 11-bit value
is applied to the LC0-10 inputs, LCEN is asserted, and the
next selected clock edge loads the new count value into the
Length Control Register. The delay path of the HSP9501
consists of two registers with a programmable delay RAM
between them, therefore, the value programmed into the
Length Control Register is the desired length - 2. The range
of values which can be programmed into the Length Control
Register are from 0 to 1279, which in turn results in an
overall range of programmable delays from 2 to 1281.
Clock select logic is provided to allow the use of a positive or
negative edge system clock as the CLK input to the
HSP9501. The active edge of the CLK input is controlled
through the use of the CLKSEL input. All synchronous timing
(i.e., data setup, hold, and output delays) are relative to the
clock edge selected by CLKSEL. An additional clock enable
input (CLKEN) provides a means of disabling the internal
clock and holding the existing contents temporarily. All
outputs of the HSP9501 are three-state outputs to allow
direct interfacing to system or multi-use busses.
The HSP9501 is recommended for digital video processing
or any applications which require a programmable delay or
circular data buffer.
Features
• DC to 32MHz Operating Frequency
• Programmable Buffer Length from 2 to 1281 Words
• Supports Data Words to 10-Bits
• Clock Select Logic for Positive or Negative Edge
System Clocks
• Data Recirculate or Delay Modes of Operation
• Expandable Data Word Width or Buffer Length
• Three-State Outputs
• TTL Compatible Inputs/Outputs
• Low Power CMOS
Applications
• Sample Rate Conversion
• Data Time Compression/Expansion
• Software Controlled Data Alignment
• Programmable Serial Data Shifting
• Audio/Speech Data Processing Video/Image Processing
Video/Image Processing
• 1-H Delay Line of 910 NTSC, 1135 PAL or 1280 Samples:
- High Resolution Monitor Delay Line
- Comb Filter Designs
- Progressive Scanning Display
- TV Standards Conversion
- Image Processing
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HSP9501JC-25
0 to 70
44 Ld PLCC
N44.65
HSP9501JC-32
0 to 70
44 Ld PLCC
N44.65
HSP9501JC-2596
0 to 70
44 Ld PLCC
Tape and Reel
N44.65
Data Sheet
January 1999
File Number
2786.4


Similar Part No. - HSP9501

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501 Datasheet
372Kb / 8P
Programmable Data Buffer
August 2004
logo
Renesas Technology Corp
HSP9501 RENESAS-HSP9501 Datasheet
657Kb / 8P
Programmable Data Buffer
Aug 2004
logo
Intersil Corporation
HSP9501JC-32 INTERSIL-HSP9501JC-32 Datasheet
372Kb / 8P
Programmable Data Buffer
August 2004
logo
Renesas Technology Corp
HSP9501JC-32 RENESAS-HSP9501JC-32 Datasheet
657Kb / 8P
Programmable Data Buffer
Aug 2004
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501_04 Datasheet
372Kb / 8P
Programmable Data Buffer
August 2004
More results

Similar Description - HSP9501

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF9501 LODEV-LF9501 Datasheet
52Kb / 7P
Programmable Line Buffer
logo
UMC Corporation
UM82C232 UMC-UM82C232 Datasheet
725Kb / 14P
DATA BUFFER
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501_04 Datasheet
372Kb / 8P
Programmable Data Buffer
August 2004
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
Programmable Skew Clock Buffer
logo
Integrated Device Techn...
5P1105 IDT-5P1105 Datasheet
479Kb / 32P
Programmable Fanout Buffer
logo
Renesas Technology Corp
5P1103 RENESAS-5P1103 Datasheet
1Mb / 31P
Programmable Fanout Buffer
Aug 1, 2022
5P1105 RENESAS-5P1105 Datasheet
743Kb / 32P
Programmable Fanout Buffer
Aug 1, 2022
HSP9501 RENESAS-HSP9501 Datasheet
657Kb / 8P
Programmable Data Buffer
Aug 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com